Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P16-VMF6TP Datasheet(PDF) 35 Page - STMicroelectronics

Part # M25P16-VMF6TP
Description  16 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P16-VMF6TP Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M25P16-VMF6TP Datasheet HTML 31Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 32Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 33Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 34Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 35Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 36Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 37Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 38Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
35/39
M25P16
PACKAGE MECHANICAL
Figure 28. MLP8, 8-lead Very thin Dual Flat Package No lead, 8x6mm, Package Outline
Note: Drawing is not to scale.
Table 15. MLP8, 8-lead Very thin Dual Flat Package No lead, 8x6mm, Package Mechanical Data
Symb.
mm
inches
Typ.
Min.
Max.
Typ.
Min.
Max.
A
0.85
1.00
0.0335
0.0394
A1
0.00
0.05
0.0000
0.0020
b
0.40
0.35
0.48
0.0157
0.0138
0.0189
D
8.00
0.3150
D2
6.40
0.2520
ddd
0.05
0.0020
E
6.00
0.2362
E2
4.80
0.1890
e
1.27
–
–
0.0500
–
–
K
0.20
0.0079
L
0.50
0.45
0.60
0.0197
0.0177
0.0236
L1
0.15
0.0059
N8
8
D
E
VDFPN-02
A
e
E2
D2
L
b
L1
A1
ddd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com