Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P16-VMF6TP Datasheet(PDF) 38 Page - STMicroelectronics

Part # M25P16-VMF6TP
Description  16 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P16-VMF6TP Datasheet(HTML) 38 Page - STMicroelectronics

Back Button M25P16-VMF6TP Datasheet HTML 31Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 32Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 33Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 34Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 35Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 36Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 37Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 38Page - STMicroelectronics M25P16-VMF6TP Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 39 page
background image
M25P16
38/39
REVISION HISTORY
Table 18. Document Revision History
Date
Rev.
Description of Revision
16-Jan-2002
0.1
Target Specification Document written
23-Apr-2002
0.4
Clarification of descriptions of entering Stand-by Power mode from Deep Power-down mode,
and of terminating an instruction sequence or data-out sequence.
ICC2(max) value changed to 10µA
13-Dec-2002
0.5
Typical Page Program time improved. Write Protect setup and hold times specified, for
applications that switch Write Protect to exit the Hardware Protection mode immediately before
a WRSR, and to enter the Hardware Protection mode again immediately after
15-May-2003
0.6
MLP8 package added
0.7
50MHz operation, and RDID instruction added. Published internally, only
20-Jun-2003
0.8
8x6 MLP8 and SO16(300 mil) packages added
24-Sep-2003
1.0
tPP, tSE and tBE revised. SO16 package code changed. Output Timing Reference Voltage
changed. Document promoted to Preliminary Data.
24-Nov-2003
2.0
Table of contents, warning about exposed paddle on MLP8, and Pb-free options added.
Value of tVSL(min) and tBE(typ) changed. Change of naming for VDFPN8 packages. Document
promoted to full Datasheet.
17-May-2004
3.0
MLP8(5x6) package removed. Soldering temperature information clarified for RoHS compliant
devices. Device Grade clarified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com