Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS8342T08 Datasheet(PDF) 17 Page - GSI Technology

Part # GS8342T08
Description  36Mb SigmaDDR-IITM Burst of 2 SRAM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8342T08 Datasheet(HTML) 17 Page - GSI Technology

Back Button GS8342T08 Datasheet HTML 13Page - GSI Technology GS8342T08 Datasheet HTML 14Page - GSI Technology GS8342T08 Datasheet HTML 15Page - GSI Technology GS8342T08 Datasheet HTML 16Page - GSI Technology GS8342T08 Datasheet HTML 17Page - GSI Technology GS8342T08 Datasheet HTML 18Page - GSI Technology GS8342T08 Datasheet HTML 19Page - GSI Technology GS8342T08 Datasheet HTML 20Page - GSI Technology GS8342T08 Datasheet HTML 21Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
Operating Currents
Parameter
Symbol
Test Conditions
-400
-350
-333
-300
-250
Notes
0
to
70°C
–
40
to
85°C
0
to
70°C
–
40
to
85°C
0
to
70°C
–
40
to
85°C
0
to
70°C
–
40
to
85°C
0
to
70°C
–
40
to
85°C
Operating Current (x36):
DDR
IDD
VDD = Max, IOUT = 0 mA
Cycle Time
≥ tKHKH Min
770
mA
780
mA
725
mA
735
mA
660
mA
670
mA
570
mA
580
mA
575
mA
585
mA
2, 3
Operating Current (x18):
DDR
IDD
VDD = Max, IOUT = 0 mA
Cycle Time
≥ tKHKH Min
600
mA
610
mA
565
mA
575
mA
515
mA
525
mA
450
mA
460
mA
395
mA
405
mA
2, 3
Operating Current (x9):
DDR
IDD
VDD = Max, IOUT = 0 mA
Cycle Time
≥ tKHKH Min
600
mA
610
mA
565
mA
575
mA
515
mA
525
mA
450
mA
460
mA
395
mA
405
mA
2, 3
Operating Current (x8):
DDR
IDD
VDD = Max, IOUT = 0 mA
Cycle Time
≥ tKHKH Min
600
mA
610
mA
565
mA
575
mA
515
mA
525
mA
450
mA
460
mA
395
mA
405
mA
2, 3
Standby Current (NOP):
DDR
ISB1
Device deselected,
IOUT = 0 mA, f = Max,
All Inputs
≤ 0.2 V or ≥ VDD – 0.2 V
215
mA
225
mA
210
mA
220
mA
195
mA
205
mA
185
mA
195
mA
175
mA
185
mA
2, 4
Notes:
1.
Power measured with output pins floating.
2.
Minimum cycle, IOUT = 0 mA
3.
Operating current is calculated with 50% read cycles and 50% write cycles.
4.
Standby Current is only after all pending read and write burst operations are completed.
GS8342T08/09/18/36BD-400/350/333/300/250
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02 6/2012
17/35
© 2011, GSI Technology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com