Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS8342T08 Datasheet(PDF) 19 Page - GSI Technology

Part # GS8342T08
Description  36Mb SigmaDDR-IITM Burst of 2 SRAM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8342T08 Datasheet(HTML) 19 Page - GSI Technology

Back Button GS8342T08 Datasheet HTML 15Page - GSI Technology GS8342T08 Datasheet HTML 16Page - GSI Technology GS8342T08 Datasheet HTML 17Page - GSI Technology GS8342T08 Datasheet HTML 18Page - GSI Technology GS8342T08 Datasheet HTML 19Page - GSI Technology GS8342T08 Datasheet HTML 20Page - GSI Technology GS8342T08 Datasheet HTML 21Page - GSI Technology GS8342T08 Datasheet HTML 22Page - GSI Technology GS8342T08 Datasheet HTML 23Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
GS8342T08/09/18/36BD-400/350/333/300/250
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02 6/2012
19/35
© 2011, GSI Technology
Hold Times
Address Input Hold Time
tKHAX
0.4
—
0.4
—
0.4
—
0.4
—
0.5
—
ns
1
Control Input Hold Time (R/ W) (LD)
tKHIX
0.4
—
0.4
—
0.4
—
0.4
—
0.5
—
ns
2
Control Input Hold Time
(BWX) (NWX)
tKHIX
0.28
—
0.28
—
0.28
—
0.3
—
0.35
—
ns
3
Data Input Hold Time
tKHDX
0.28
—
0.28
—
0.28
—
0.3
—
0.35
—
ns
Notes:
1.
All Address inputs must meet the specified setup and hold times for all latching clock edges.
2.
Control signals are R/ W, LD.
3.
Control signals are BW0, BW1, and (NW0, NW1 for x8) and (BW2, BW3 for x36).
4.
If C, C are tied high, K, K become the references for C, C timing parameters
5.
To avoid bus contention, at a given voltage and temperature tCHQX1 is bigger than tCHQZ. The specs as shown do not imply bus contention because tCHQX1 is a MIN
parameter that is worst case at totally different test conditions (0°C, 1.9 V) than tCHQZ, which is a MAX parameter (worst case at 70°C, 1.7 V). It is not possible for two SRAMs
on the same board to be at such different voltages and temperatures.
6.
Clock phase jitter is the variance from clock rising edge to the next expected clock rising edge.
7.
VDD slew rate must be less than 0.1 V DC per 50 ns for DLL lock retention. DLL lock time begins once VDD and input clock are stable.
8.
Echo clock is very tightly controlled to data valid/data hold. By design, there is a ±0.1 ns variation from echo clock to data. The datasheet parameters reflect tester guard bands
and test setup variations.
AC Electrical Characteristics (Continued)
Parameter
Symbol
-400
-350
-333
-300
-250
Units
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com