Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS8342T08 Datasheet(PDF) 14 Page - GSI Technology

Part # GS8342T08
Description  36Mb SigmaDDR-IITM Burst of 2 SRAM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8342T08 Datasheet(HTML) 14 Page - GSI Technology

Back Button GS8342T08 Datasheet HTML 10Page - GSI Technology GS8342T08 Datasheet HTML 11Page - GSI Technology GS8342T08 Datasheet HTML 12Page - GSI Technology GS8342T08 Datasheet HTML 13Page - GSI Technology GS8342T08 Datasheet HTML 14Page - GSI Technology GS8342T08 Datasheet HTML 15Page - GSI Technology GS8342T08 Datasheet HTML 16Page - GSI Technology GS8342T08 Datasheet HTML 17Page - GSI Technology GS8342T08 Datasheet HTML 18Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Thermal Impedance
Package
Test PCB
Substrate
θ JA (C°/W)
Airflow = 0 m/s
θ JA (C°/W)
Airflow = 1 m/s
θ JA (C°/W)
Airflow = 2 m/s
θ JB (C°/W)
θ JC (C°/W)
165 BGA
4-layer
19.0
16.3
15.3
7.7
2.5
Notes:
1. Thermal Impedance data is based on a number of of samples from mulitple lots and should be viewed as a typical number.
2. Please refer to JEDEC standard JESD51-6.
3. The characteristics of the test fixture PCB influence reported thermal characteristics of the device. Be advised that a good thermal path to
the PCB can result in cooling or heating of the RAM depending on PCB temperature.
GS8342T08/09/18/36BD-400/350/333/300/250
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02 6/2012
14/35
© 2011, GSI Technology
HSTL I/O DC Input Characteristics
Parameter
Symbol
Min
Max
Units
Notes
DC Input Logic High
VIH (dc)
VREF + 0.10
VDDQ + 0.3 V
V
1
DC Input Logic Low
VIL (dc)
–0.3 V
VREF – 0.10
V
1
Notes:
1. Compatible with both 1.8 V and 1.5 V I/O drivers
2. These are DC test criteria. DC design criteria is VREF ± 50 mV. The AC VIH/VIL levels are defined separately for measuring timing parame-
ters.
3. VIL (Min) DC = –0.3 V, VIL(Min) AC = –1.5 V (pulse width ≤ 3 ns).
4. VIH (Max) DC = VDDQ + 0.3 V, VIH(Max) AC = VDDQ + 0.85 V (pulse width ≤ 3 ns).
HSTL I/O AC Input Characteristics
Parameter
Symbol
Min
Max
Units
Notes
AC Input Logic High
VIH (ac)
VREF + 0.20
—
V
2,3
AC Input Logic Low
VIL (ac)
—
VREF – 0.20
V
2,3
VREF Peak-to-Peak AC Voltage
VREF (ac)
—
5% VREF (DC)
V
1
Notes:
1. The peak-to-peak AC component superimposed on VREF may not exceed 5% of the DC component of VREF.
2. To guarantee AC characteristics, VIH,VIL, Trise, and Tfall of inputs and clocks must be within 10% of each other.
3. For devices supplied with HSTL I/O input buffers. Compatible with both 1.8 V and 1.5 V I/O drivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com