Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS8342T08 Datasheet(PDF) 10 Page - GSI Technology

Part # GS8342T08
Description  36Mb SigmaDDR-IITM Burst of 2 SRAM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8342T08 Datasheet(HTML) 10 Page - GSI Technology

Back Button GS8342T08 Datasheet HTML 6Page - GSI Technology GS8342T08 Datasheet HTML 7Page - GSI Technology GS8342T08 Datasheet HTML 8Page - GSI Technology GS8342T08 Datasheet HTML 9Page - GSI Technology GS8342T08 Datasheet HTML 10Page - GSI Technology GS8342T08 Datasheet HTML 11Page - GSI Technology GS8342T08 Datasheet HTML 12Page - GSI Technology GS8342T08 Datasheet HTML 13Page - GSI Technology GS8342T08 Datasheet HTML 14Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
GS8342T08/09/18/36BD-400/350/333/300/250
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02 6/2012
10/35
© 2011, GSI Technology
Common I/O SigmaDDR-II B2 SRAM Truth Table
Kn
LD
R/W
DQ
Operation
A + 0
A + 1
↑
1
X
Hi-Z
Hi-Z
Deselect
↑
0
0
D@Kn+1
D@Kn+1
Write
↑
0
1
Q@Kn+1
or
Cn+1
Q@Kn+2
or
Cn+2
Read
Note:
Q is controlled by K clocks if C clocks are not used.
Burst of 2 Byte Write Clock Truth Table
BW
BW
Current Operation
D
D
K
↑
(tn + 1)
K
↑
(tn + 1½)
K
↑
(tn)
K
↑
(tn + 1)
K
↑
(tn + 1½)
T
T
Write
Dx stored if BWn = 0 in both data transfers
D1
D2
T
F
Write
Dx stored if BWn = 0 in 1st data transfer only
D1
X
F
T
Write
Dx stored if BWn = 0 in 2nd data transfer only
X
D2
F
F
Write Abort
No Dx stored in either data transfer
X
X
Notes:
1. “1” = input “high”; “0” = input “low”; “X” = input “don’t care”; “T” = input “true”; “F” = input “false”.
2. If one or more BWn = 0, then BW = “T”, else BW = “F”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com