Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS8342T08 Datasheet(PDF) 1 Page - GSI Technology

Part # GS8342T08
Description  36Mb SigmaDDR-IITM Burst of 2 SRAM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8342T08 Datasheet(HTML) 1 Page - GSI Technology

  GS8342T08 Datasheet HTML 1Page - GSI Technology GS8342T08 Datasheet HTML 2Page - GSI Technology GS8342T08 Datasheet HTML 3Page - GSI Technology GS8342T08 Datasheet HTML 4Page - GSI Technology GS8342T08 Datasheet HTML 5Page - GSI Technology GS8342T08 Datasheet HTML 6Page - GSI Technology GS8342T08 Datasheet HTML 7Page - GSI Technology GS8342T08 Datasheet HTML 8Page - GSI Technology GS8342T08 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
GS8342T08/09/18/36BD-400/350/333/300/250
36Mb SigmaDDR-IITM
Burst of 2 SRAM
400 MHz–250 MHz
1.8 V VDD
1.8 V and 1.5 V I/O
165-Bump BGA
Commercial Temp
Industrial Temp
Rev: 1.02 6/2012
1/35
© 2011, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Features
• Simultaneous Read and Write SigmaDDR™ Interface
• Common I/O bus
• JEDEC-standard pinout and package
• Double Data Rate interface
• Byte Write (x36, x18 and x9) and Nybble Write (x8) function
• Burst of 2 Read and Write
• 1.8 V +100/–100 mV core power supply
• 1.5 V or 1.8 V HSTL Interface
• Pipelined read operation with self-timed Late Write
• Fully coherent read and write pipelines
• ZQ pin for programmable output drive strength
• IEEE 1149.1 JTAG-compliant Boundary Scan
• Pin-compatible with present 9Mb, 18Mb, 36Mb and 72Mb
devices
• 165-bump, 13 mm x 15 mm, 1 mm bump pitch BGA package
• RoHS-compliant 165-bump BGA package available
SigmaDDR™ Family Overview
The GS8342T08/09/18/36BD are built in compliance with the
SigmaDDR-II SRAM pinout standard for Common I/O
synchronous SRAMs. They are 37,748,736-bit (36Mb)
SRAMs. The GS8342T08/09/18/36BD SigmaDDR-II SRAMs
are just one element in a family of low power, low voltage
HSTL I/O SRAMs designed to operate at the speeds needed to
implement economical high performance networking systems.
Clocking and Addressing Schemes
The GS8342T08/09/18/36BD SigmaDDR-II SRAMs are
synchronous devices. They employ two input register clock
inputs, K and K. K and K are independent single-ended clock
inputs, not differential inputs to a single differential clock input
buffer. The device also allows the user to manipulate the
output register clock inputs quasi independently with the C and
C clock inputs. C and C are also independent single-ended
clock inputs, not differential inputs. If the C clocks are tied
high, the K clocks are routed internally to fire the output
registers instead.
Each internal read and write operation in a SigmaDDR-II B2
RAM is two times wider than the device I/O bus. An input data
bus de-multiplexer is used to accumulate incoming data before
it is simultaneously written to the memory array. An output
data multiplexer is used to capture the data produced from a
single memory array read and then route it to the appropriate
output drivers as needed.
When a new address is loaded into a x18 or x36 version of the
part, A0 is used to initialize the pointers that control the data
multiplexer / de-multiplexer so the RAM can perform "critical
word first" operations. From an external address point of view,
regardless of the starting point, the data transfers always follow
the same sequence {0, 1} or {1, 0} (where the digits shown
represent A0).
Unlike the x18 and x36 versions, the input and output data
multiplexers of the x8 and x9 versions are not preset by
address inputs and therefore do not allow "critical word first"
operations. The address fields of the x8 and x9 SigmaDDR-II
B2 RAMs are one address pin less than the advertised index
depth (e.g., the 4M x 8 has a 2M addressable index, and A0 is
not an accessible address pin).
Parameter Synopsis
-400
-350
-333
-300
-250
tKHKH
2.5 ns
2.86 ns
3.0 ns
3.3 ns
4.0 ns
tKHQV
0.45 ns
0.45 ns
0.45 ns
0.45 ns
0.45 ns


Similar Part No. - GS8342T08

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8342T08E GSI-GS8342T08E Datasheet
1Mb / 37P
36Mb SigmaCIO DDR-II Burst of 2 SRAM
GS8342T08E-167 GSI-GS8342T08E-167 Datasheet
1Mb / 37P
36Mb SigmaCIO DDR-II Burst of 2 SRAM
GS8342T08E-167I GSI-GS8342T08E-167I Datasheet
1Mb / 37P
36Mb SigmaCIO DDR-II Burst of 2 SRAM
GS8342T08E-200 GSI-GS8342T08E-200 Datasheet
1Mb / 37P
36Mb SigmaCIO DDR-II Burst of 2 SRAM
GS8342T08E-200I GSI-GS8342T08E-200I Datasheet
1Mb / 37P
36Mb SigmaCIO DDR-II Burst of 2 SRAM
More results

Similar Description - GS8342T08

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8182T08 GSI-GS8182T08 Datasheet
717Kb / 36P
18Mb SigmaDDR-II??Burst of 2 SRAM
GS8342S08 GSI-GS8342S08 Datasheet
502Kb / 35P
36Mb SigmaSIO DDR-IITM Burst of 2 SRAM
GS8342TT37BGD-450I GSI-GS8342TT37BGD-450I Datasheet
363Kb / 31P
36Mb SigmaDDR-IITM Burst of 2 SRAM
GS82582Q36GE-333I GSI-GS82582Q36GE-333I Datasheet
484Kb / 32P
288Mb SigmaQuad-IITM Burst of 2 SRAM
GS8342D08BGD-250 GSI-GS8342D08BGD-250 Datasheet
580Kb / 34P
36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8182Q18BD-300M GSI-GS8182Q18BD-300M Datasheet
446Kb / 35P
18Mb SigmaQuad-IITM Burst of 2 SRAM
GS8342D08BD-400 GSI-GS8342D08BD-400 Datasheet
580Kb / 34P
36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342Q09BD-300I GSI-GS8342Q09BD-300I Datasheet
666Kb / 34P
36Mb SigmaQuad-IITM Burst of 2 SRAM
GS8342Q36BD-333I GSI-GS8342Q36BD-333I Datasheet
666Kb / 34P
36Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q18E-250I GSI-GS82582Q18E-250I Datasheet
625Kb / 31P
288Mb SigmaQuad-IITM Burst of 2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com