Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS8342T08 Datasheet(PDF) 18 Page - GSI Technology

Part # GS8342T08
Description  36Mb SigmaDDR-IITM Burst of 2 SRAM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8342T08 Datasheet(HTML) 18 Page - GSI Technology

Back Button GS8342T08 Datasheet HTML 14Page - GSI Technology GS8342T08 Datasheet HTML 15Page - GSI Technology GS8342T08 Datasheet HTML 16Page - GSI Technology GS8342T08 Datasheet HTML 17Page - GSI Technology GS8342T08 Datasheet HTML 18Page - GSI Technology GS8342T08 Datasheet HTML 19Page - GSI Technology GS8342T08 Datasheet HTML 20Page - GSI Technology GS8342T08 Datasheet HTML 21Page - GSI Technology GS8342T08 Datasheet HTML 22Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
GS8342T08/09/18/36BD-400/350/333/300/250
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02 6/2012
18/35
© 2011, GSI Technology
AC Electrical Characteristics
Parameter
Symbol
-400
-350
-333
-300
-250
Units
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Clock
K, K Clock Cycle Time
C, C Clock Cycle Time
tKHKH
tCHCH
2.5
8.4
2.86
8.4
3.0
8.4
3.3
8.4
4.0
8.4
ns
tKC Variable
tKCVar
—
0.2
—
0.2
—
0.2
—
0.2
—
0.2
ns
6
K, K Clock High Pulse Width
C, C Clock High Pulse Width
tKHKL
tCHCL
1.0
—
1.14
—
1.2
—
1.32
—
1.6
—
ns
K, K Clock Low Pulse Width
C, C Clock Low Pulse Width
tKLKH
tCLCH
1.0
—
1.14
—
1.2
—
1.32
—
1.6
—
ns
K to K High
C to C High
tKHKH
tCHCH
1.0
—
1.13
—
1.35
—
1.49
—
1.8
—
ns
K to K High
C to C High
tKHKH
tCHCH
1.0
—
1.13
—
1.35
—
1.49
—
1.8
—
ns
K, K Clock High to C, C Clock High
tKHCH
0
1.13
0
1.29
0
1.35
0
1.49
0
1.8
ns
DLL Lock Time
tKCLock
1024
—
1024
—
1024
—
1024
—
1024
—
cycle
7
K Static to DLL reset
tKCReset
30
—
30
—
30
—
30
—
30
—
ns
Output Times
K, K Clock High to Data Output Valid
C, C Clock High to Data Output Valid
tKHQV
tCHQV
—
0.45
—
0.45
—
0.45
—
0.45
—
0.45
ns
4
K, K Clock High to Data Output Hold
C, C Clock High to Data Output Hold
tKHQX
tCHQX
–0.45
—
–0.45
—
–0.45
—
–0.45
—
–0.45
—
ns
4
K, K Clock High to Echo Clock Valid
C, C Clock High to Echo Clock Valid
tKHCQV
tCHCQV
—
0.45
—
0.45
—
0.45
—
0.45
—
0.45
ns
K, K Clock High to Echo Clock Hold
C, C Clock High to Echo Clock Hold
tKHCQX
tCHCQX
–0.45
—
–0.45
—
–0.45
—
–0.45
—
–0.45
—
ns
CQ, CQ High Output Valid
tCQHQV
—
0.20
—
0.23
—
0.25
—
0.27
—
0.30
ns
8
CQ, CQ High Output Hold
tCQHQX
–0.20
—
–0.23
—
–0.25
—
–0.27
—
–0.30
—
ns
8
CQ Phase Distortion
tCQHCQH
tCQHCQH
0.9
—
1.0
—
1.10
—
1.24
—
1.55
—
ns
K Clock High to Data Output High-Z
C Clock High to Data Output High-Z
tKHQZ
tCHQZ
—
0.45
—
0.45
—
0.45
—
0.45
—
0.45
ns
4
K Clock High to Data Output Low-Z
C Clock High to Data Output Low-Z
tKHQX1
tCHQX1
–0.45
—
–0.45
—
–0.45
—
–0.45
—
–0.45
—
ns
4
Setup Times
Address Input Setup Time
tAVKH
0.4
—
0.4
—
0.4
—
0.4
—
0.5
—
ns
1
Control Input Setup Time(R/ W) (LD)
tIVKH
0.4
—
0.4
—
0.4
—
0.4
—
0.5
—
ns
2
Control Input Setup Time
(BWX) (NWX)
tIVKH
0.28
—
0.28
—
0.28
—
0.3
—
0.35
—
ns
3
Data Input Setup Time
tDVKH
0.28
—
0.28
—
0.28
—
0.3
—
0.35
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com