Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2002D Datasheet(PDF) 7 Page - Sames

Part # SA2002D
Description  Single Phase Kilowatt-hour Metering IC for Mechanical Display Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2002D Datasheet(HTML) 7 Page - Sames

Back Button SA2002D Datasheet HTML 2Page - Sames SA2002D Datasheet HTML 3Page - Sames SA2002D Datasheet HTML 4Page - Sames SA2002D Datasheet HTML 5Page - Sames SA2002D Datasheet HTML 6Page - Sames SA2002D Datasheet HTML 7Page - Sames SA2002D Datasheet HTML 8Page - Sames SA2002D Datasheet HTML 9Page - Sames SA2002D Datasheet HTML 10Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
sames
SA2002D
7/10
http://www.sames.co.za
TYPICAL APPLICATION
In figure 7, the components required for stand alone power
metering application, are shown. The application uses a shunt
resistor for the mains current sensing. The meter is designed
for 220V/40A I
operation.
The most important external components for the SA2002D
integrated circuit are the current sense resistors, the voltage
sense resistors as well as the bias setting resistor.
R13 defines all on-chip and reference currents. With
R13=24k , optimum conditions are set. Device calibration is
done on the voltage input of the device.
The voltage drop across the shunt resistor at rated current
should be at least 20mV. A shunt resistor with a value of 625µ
is chosen. The voltage drop across the shunt resistor is 25mV
at rated conditions (Imax). The power dissipation in the current
sensor is:
P=(40A)² x 625µ = 1W.
The resistors R6 and R7 define the current level into the
current sense inputs of the device. The resistor values are
selected for an input current of 16µA on the current inputs of
the SA2002D at rated conditions.
According to equation described in the Current Sense inputs
section:
R6 = R7 = ( I / 16µA ) x R / 2
= 40A / 16µA x 625µ
/ 2
= 781.25
A resistor with value of 820
is chosen, the 5% deviation from
the calculated value will be compensated for when calculating
resistor values for the voltage path.
MAX
LSH
BIAS RESISTOR
SHUNT RESISTOR
CURRENT SENSE RESISTORS
W
W
W
W
W
W
VOLTAGE DIVIDER
The voltage divider is calculated for a voltage drop of 14V +
5%(14.7V). Equations for the voltage divider in figure 7 are:
R1+R2+R3=RA and R12 || (R11+P1)=RB. Combining the two
equations gives:
(RA + RB) / 220V = RB / 14.7V
A 5k trimpot will be used in the voltage channel for meter
calibration. The center position on the pot is used in the
calculations. P1 = 2.5k
and values for resistors R11 = 22k
and R12 =1M is chosen.
Substituting the values will result in:
RB = 23.91k and RA = RB x (230V/14.7V - 1) resulting in RA =
333k
so the resistor values of R1, R2 and R3 are chosen to
be 110k
WW
W
W
W
W.
PROGRAMMING
The resistor values are calculated for a 40A rated meter. The
LED pulse rate must be set accordingly by programming pins
R0, R1 and R2. Using the table Rated Conditions Select (On
page 5) pins R0 and R2 is set to V
and R1 set to V . These
settings will configure the SA2002D for 220V/40A operation
with a LED pulse rate of 1600 pulses/kWh. The FAST pin is set
to V for normal operation.
SS
DD
SS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com