Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2002D Datasheet(PDF) 1 Page - Sames

Part # SA2002D
Description  Single Phase Kilowatt-hour Metering IC for Mechanical Display Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2002D Datasheet(HTML) 1 Page - Sames

  SA2002D Datasheet HTML 1Page - Sames SA2002D Datasheet HTML 2Page - Sames SA2002D Datasheet HTML 3Page - Sames SA2002D Datasheet HTML 4Page - Sames SA2002D Datasheet HTML 5Page - Sames SA2002D Datasheet HTML 6Page - Sames SA2002D Datasheet HTML 7Page - Sames SA2002D Datasheet HTML 8Page - Sames SA2002D Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FEATURES
+
+
+
+
+
Provides a single chip solution for energy meters having a
mechanical display
No external crystal or resonator required
Direct stepper motor / impulse counter drive
Unidirectional and bi-directional energy measurement
Meets the IEC 521/1036 Specification requirements for
Class 1 AC Watt hour meters
Sames
Single Phase Kilowatt-hour Metering IC for
Mechanical Display Applications
SA2002D
1/10
SPEC-0024 (REV. 4)
18-11-02
+
+
+
+
+
Configurable for different meter ratings
Adaptable to different types of current sensors
Precision voltage reference on chip
Operates over a wide temperature range
Low power consumption
DESCRIPTION
The SAMES SA2002D provides a single chip solution for
single phase energy meters. Very few external components
are required and it has direct drive capability for
electromechanical counters. The SA2002D does not required
an external crystal. A precision oscillator, which is supplies the
circuitry with a stable frequency, is integrated on chip.
Programmable inputs allow the meter manufacturer to
configure the SA2002D for different meter ratings without
having to change the stepper motor or impulse counter gear
ratio. A high frequency pulse output is available at the LED
output for meter calibration purposes. The SA2002D includes
an anti-creep feature.
The SA2002D can be configured for positive, negative or bi-
directional energy measurement.
The SA2002D Single Phase kWh metering integrated circuit
generates a pulse rate output, the frequency of which is
proportional to the power consumption. The SA2002D
performs the calculation for active power. The method of
calculation takes the power factor into account.
The SA2002D integrated circuit is available in 20 pin dual-in-
line plastic (PDIP20), as well as 20 pin small outline (SOIC20)
package types.
Figure 1: Block diagram
ANALOG
SIGNAL
PRO-
CESSING
LED-
PULSE
POWER
INTE-
GRATOR
COUNTER
DRIVER
REFERENCE
&
BIAS
OSC TIMING
LED
VDD
DIRI
FAST
DIRO
MOP
IIP
IVP
MON
IIN
AGND
R0 R1 R2
VREF
Dr-01566
VSS CNF


Similar Part No. - SA2002D

ManufacturerPart #DatasheetDescription
logo
Sames
SA2002 SAMES-SA2002 Datasheet
147Kb / 12P
Single Phase Bi-directional Power / Energy Metering IC with Instantaneous Pulse Output
SA2002E SAMES-SA2002E Datasheet
90Kb / 10P
Single Phase Uni-directional Power / Energy Metering IC with Instantaneous Pulse Output
SA2002EPA SAMES-SA2002EPA Datasheet
122Kb / 10P
Single Phase Uni-directional Power / Energy Metering IC with Instantaneous Pulse Output
SA2002ESA SAMES-SA2002ESA Datasheet
122Kb / 10P
Single Phase Uni-directional Power / Energy Metering IC with Instantaneous Pulse Output
SA2002H SAMES-SA2002H Datasheet
147Kb / 12P
Single Phase Bi-directional Power / Energy Metering IC with Instantaneous Pulse Output
More results

Similar Description - SA2002D

ManufacturerPart #DatasheetDescription
logo
Sames
PM9109BFE SAMES-PM9109BFE Datasheet
179Kb / 18P
MONOCHIP SINGLE PHASE BIDIRECTIONAL KILOWATT HOUR METERING MODULE
PM9110BFA SAMES-PM9110BFA Datasheet
162Kb / 14P
MONOCHIP THREE PHASE BIDIRECTIONAL KILOWATT HOUR METERING MODULE
SA9109B SAMES-SA9109B Datasheet
183Kb / 18P
MONOCHIP SINGLE PHASE BIDIRECTIONAL KILOWATT HOUR METERING IC
SA9602M SAMES-SA9602M Datasheet
173Kb / 16P
SINGLE PHASE POWER/ENERGY METERING IC WITH SELECTABLE PULSE RATE FOR MECHANICAL DISPLAY APPLICATIONS
logo
STMicroelectronics
STPM01 STMICROELECTRONICS-STPM01 Datasheet
775Kb / 56P
Programmable single phase energy metering IC
24-Oct-2006
logo
Sames
SA2002P SAMES-SA2002P Datasheet
127Kb / 14P
Programmable Single Phase Kilowatt-hour Energy IC for Mechanical Counter Application
logo
Analog Devices
UG-194 AD-UG-194 Datasheet
2Mb / 20P
Evaluation Board for the ADE7953 Single Phase Energy Metering IC
Rev. A
logo
Sames
SA2102D SAMES-SA2102D Datasheet
428Kb / 16P
Single Phase Kilowatt-hour Metering IC
SA4101A SAMES-SA4101A Datasheet
518Kb / 15P
Single Phase Kilowatt-hour Metering IC
SA9903B SAMES-SA9903B_17 Datasheet
530Kb / 17P
Single Phase Multifunction Energy Metering IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com