Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2002D Datasheet(PDF) 4 Page - Sames

Part # SA2002D
Description  Single Phase Kilowatt-hour Metering IC for Mechanical Display Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2002D Datasheet(HTML) 4 Page - Sames

  SA2002D Datasheet HTML 1Page - Sames SA2002D Datasheet HTML 2Page - Sames SA2002D Datasheet HTML 3Page - Sames SA2002D Datasheet HTML 4Page - Sames SA2002D Datasheet HTML 5Page - Sames SA2002D Datasheet HTML 6Page - Sames SA2002D Datasheet HTML 7Page - Sames SA2002D Datasheet HTML 8Page - Sames SA2002D Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4/10
sames
SA2002D
http://www.sames.co.za
Figure 4: Analog Input Internal Configuration
FUNCTIONAL DESCRIPTION
The SA2002D is a CMOS mixed signal Analog/Digital
integrated circuit, which performs power/energy calculations
across a power range of 1000:1, to an overall accuracy of
better than Class 1.
The integrated circuit includes all the required functions for 1-
phase power and energy measurement such as two
oversampling A/D converters for the voltage and current sense
inputs, power calculation and energy integration. Internal
offsets are eliminated through the use of cancellation
procedures. The SA2002D generates pulses, the frequency of
which is proportional to the power consumption. A
complementary output (MOP and MON) is provided for the
stepper motor. One energy pulse is represented by MOP pulse
and subsequently followed by a MON pulse. This configuration
avoids the possibility that, after power up, the first energy pulse
is lost due to the stepper motor being in the wrong phase. The
pulse rate on these pins follow the instantaneous active power
consumption. The LED pulse output follows the average power
consumption measured and is intended for calibration
proposes.
POWER CALCULATION
In the Application Circuit (Figure 3), the voltage drops across
the shunt will be between 0 and 16mV
(0 to 80A through a
shunt resistor of 200
he voltage is converted to a current
of between 0 and 16mV
, by means of resistors R1 and R2.
The current sense input saturates at an input current
RMS
RMS
µ). T
of ±25µA
peak.
For the voltage sensor input, the mains voltage (230VAC) is
W
VOLTAGE
SENSOR
INPUT
IVP
DR-01288
SS
V
CURRENT
SENSOR
INPUTS
IIP
IIN
SS
V
VDD
SS
V
VDD
DD
V
GND
A V
A I
VDD
VDD
Supply
Supply
N
L
PULSES
REVERSE
VDD
IIN
R1
R2
R5
R3
R4
P1
IIP
IVP
AGND
VSS TEST R0 R1 R2
VREF
LOAD
DR-01568
L
N
LED
MOP
SA2002
8888888
MON
DIRO DIRI
Figure 3: Application Circuit
*The figure not in parenthesis indicates that a MOP pulse
followed by a MON pulse is treated as one energy pulse. The
figure inside parenthesis means that a MOP pulse followed by
a MON pulse is treated as two energy pulses.
divided down through a divider (R3, R4 and P1) to
. The
current into the A/D converter input is set at
at nominal
mains voltage, via resistor R5 (1M
P1 may be varied for
calibration purposes.
The pulse rate available at the motor drive pins MOP and MON
(counter resolution) is fixed at 100 (200) impulses/kWh*. The
frequency of the LED pin is dependant on the settings of pins
R0, R1 and R2, which allow a selection of different rated
conditions. In this case (R0, R1 and R2 set to logic 0) the LED
output is 6400 impulses/kWh, with the rated conditions set to
220V/10A. This facility allows meter manufacturers to cater for
a wide range of metering applications with minimal design
changes.
The feedback loops from the outputs of the amplifiers A and A
generate virtual shorts on the signal inputs. Exact duplications
of the input currents are generated for the analog signal
processing circuitry.
14V
14µA
The input circuitry of the current and voltage sensor inputs is
illustrated in figure 3.
These inputs are protected against electrostatic discharge
through clamping diodes.
RMS
RMS
IV
W).
ANALOG INPUT CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com