Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2002D Datasheet(PDF) 3 Page - Sames

Part # SA2002D
Description  Single Phase Kilowatt-hour Metering IC for Mechanical Display Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2002D Datasheet(HTML) 3 Page - Sames

  SA2002D Datasheet HTML 1Page - Sames SA2002D Datasheet HTML 2Page - Sames SA2002D Datasheet HTML 3Page - Sames SA2002D Datasheet HTML 4Page - Sames SA2002D Datasheet HTML 5Page - Sames SA2002D Datasheet HTML 6Page - Sames SA2002D Datasheet HTML 7Page - Sames SA2002D Datasheet HTML 8Page - Sames SA2002D Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
sames
SA2002D
http://www.sames.co.za
Part Number
SA2002DPA
SA2002DSA
Package
PDIP20
SOIC20
ORDERING INFORMATION
PIN DESCRIPTION
Analog Ground. The supply voltage to this pin should be mid-way between V
and V .
DD
SS
Positive supply voltage. The voltage to this pin is typically +2.5V if a shunt resistor is used for
current sensing or in the case of a current transformer a +5V supply can be applied.
Description
PIN
20
8
Negative supply voltage. The voltage to this pin is typically -2.5V if a shunt resistor is used for
current sensing or in the case of a current transformer a 0V supply can be applied.
14
Analog Input for Voltage. The current into the A/D converter should be set at 14µA
at
nominal mains voltage. The voltage sense input saturates at an input current of ±25µA peak.
RMS
19
Inputs for current sensor. The shunt resistor voltage from each channel is converted to a
current of 16µA
at rated conditions. The current sense input saturates at an input current
of ±25µA peak.
RMS
1, 2
This pin provides the connection for the reference current setting resistor. A 24k
resistor
connected to V
sets the optimum operating condition.
W
SS
3
Rated Condition Select. These inputs are used for the different rated condition configuration,
including the LED frequency calibration pulse.
6, 5, 4
FAST calibration. The LED pulse rate change to 1252Hz at rated conditions if FAST is
connected to V .
DD
7
Configure / Test input. For normal operation this pin must be connected to V .
SS
9
Motor pulse outputs. These outputs can drive an electromechanical counter directly.
12, 15
Calibration LED output. Refer to the rated condition select section of the pulse rate output
options.
13
Direction output. This output indicates the energy flow direction.
17
Direction input. This input is used to enable either bi-directional or unidirectional
energy measurement.
18
10,11,16
AGND
V
DD
Designation
V
SS
IVP
IIN, IIP
VREF
R0, R1, R2
FAST
CNF
MON, MOP
LED
DIRO
DIRI
NC
DR-01567
1
IIN
AGND
IIP
IVP
MON
DIRI
VSS
VREF
R2
R1
R0
FAST
SA2002D
VDD
DIRO
NC
LED
MOP
CNF
NC
NC
2
3
4
5
615
14
13
12
11
10
9
8
7
16
17
18
19
20
Figure 2: Pin connections: Package: PDIP20, SOIC20
No Connection



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com