Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2002D Datasheet(PDF) 2 Page - Sames

Part # SA2002D
Description  Single Phase Kilowatt-hour Metering IC for Mechanical Display Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2002D Datasheet(HTML) 2 Page - Sames

  SA2002D Datasheet HTML 1Page - Sames SA2002D Datasheet HTML 2Page - Sames SA2002D Datasheet HTML 3Page - Sames SA2002D Datasheet HTML 4Page - Sames SA2002D Datasheet HTML 5Page - Sames SA2002D Datasheet HTML 6Page - Sames SA2002D Datasheet HTML 7Page - Sames SA2002D Datasheet HTML 8Page - Sames SA2002D Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage
V -V
3.2
6.0
V
Current on any pin
I
-150
+150
mA
Storage Temperature
T
-40
+125
°C
Operating Temperature
T
-25
+85
°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only. Functional operation of the device at these or any other condition above those indicated in the operational sections of
this specification, is not implied. Exposure to Absolute Maximum Ratings for extended periods may affect device reliability.
DD
SS
PI N
STG
O
Parameter
Min
Max
Unit
Symbol
sames
SA2002D
2/10
3
http://www.sames.co.za
ELECTRICAL CHARACTERISTICS
(
V = 2.5V, V = -2.5V, over the temperature range -10°C to +70°C , unless otherwise specified.)
DD
SS
#
°C
V
µA
µA
T
O
V
DD
I
II
I
IV
-25
-25
-25
2.25
+25
+25
+85
2.75
Peak value
Peak value
Condition
Unit
Max
Typ
Min
Symbol
Parameter
V
V
SS
-2.75
-2.25
I
DD
5
3.6
mA
I
SS
5
3.6
mA
Pin MOP, MON, LED, DIRO
Output High Voltage
Output Low Voltage
V
V
V
V
OH
OL
V-1
DD
V+1
SS
Pin R0, R1, R2, DIRI, CNF
Input High Voltage
Input Low Voltage
V
V
V
V
IH
IL
V-1
DD
V+1
SS
With R = 24k
connected to V
Reference to V
W
SS
SS
Ref. Current
Ref. Voltage
µA
V
45
1.1
55
1.3
-I
V
R
R
50
Digital I/O
#Extended Operating Temperature Range available on request.
Operating temp. Range
Supply Voltage: Positive
Supply Voltage: Negative
Supply Current: Negative
Supply Current: Positive
Current Sensor Inputs (Differential)
Voltage Sensor Input (Asymmetrical)
Input Current Range
Input Current Range
Pin VREF
2.5
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com