Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2002D Datasheet(PDF) 6 Page - Sames

Part # SA2002D
Description  Single Phase Kilowatt-hour Metering IC for Mechanical Display Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2002D Datasheet(HTML) 6 Page - Sames

Back Button SA2002D Datasheet HTML 2Page - Sames SA2002D Datasheet HTML 3Page - Sames SA2002D Datasheet HTML 4Page - Sames SA2002D Datasheet HTML 5Page - Sames SA2002D Datasheet HTML 6Page - Sames SA2002D Datasheet HTML 7Page - Sames SA2002D Datasheet HTML 8Page - Sames SA2002D Datasheet HTML 9Page - Sames SA2002D Datasheet HTML 10Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
sames
SA2002D
6/10
http://www.sames.co.za
Direction input (DIRI)
Energy Direction Selection
The DIRI input pin allows the representation of the measured
energy to be selected. The representation can be of any three
types:
Pulses are generated on the output if the energy flow is
positive. Any negative energy (reverse energy) flow is
disregarded.
Pulses are generated on the output if the energy flow is
negative. Any positive energy flow is disregarded. Negative
energy flow is defined as the condition where the voltage
sense input and current sense input are out of phase (greater
than 90 degrees).
Pulses are generated on the output if the energy flow is
positive or negative. The energy direction may be ascertained
by monitoring the DIRO pin.
Positive Energy
Negative Energy
Bi-direct
OUTPUT SIGNALS
Motor Pulse Output (MOP, MON)
These outputs can be used to drive an electromechanical
counter directly at 100 (200) impulses per kWh. See table 1.
DIRI
Direction
1
0
DIRO
Positive
Negative
Bi-direct
Fast Calibration (FAST)
The SA2002D may be put in a fast calibration mode by setting
FAST to V . In this mode the pulse rate is 1252Hz on the LED
output at rated conditions.
DD
Figure 5: Motor output MON and MOP
VDD
VDD
VSS
VSS
MON
MOP
t
m
t
m
t
m
DR-01559
t = 230ms
m
LED Output (LED)
The LED pulse output follows the average power consumption
measured and is intended for calibration purposes. The pulse
rate is dependant on the settings of pins R0, R1 and R2 (see
rated conditions select). The LED output is active low. The LED
waveform is shown below:
Figure 6: LED pulse output
LED
t
LED
DR-01332
VDD
VSS
An integrated anti-creep function prevents any output pulses if
the measured power is less than 0.02% of the meters rated
current.
The SA2002D provides information about the energy flow
direction on pin DIRO. A logic 0 on pin DIRO indicates reverse
energy flow. Reverse energy flow is defined as the condition
where the voltage sense input and current sense input are out
of phase (90..270 degrees).
Positive energy flow, when voltage sense and current sense
input are in phase, is indicated on pin DIRO as a logic 1.
The DIRO pin may be used to drive a LED in order to indicate
reverse energy.
Direction Indication (DIRO)
T
= 10ms
LED



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com