Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD85310 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD85310
Description  Panel Timing Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD85310 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  FPD85310 Datasheet HTML 1Page - National Semiconductor (TI) FPD85310 Datasheet HTML 2Page - National Semiconductor (TI) FPD85310 Datasheet HTML 3Page - National Semiconductor (TI) FPD85310 Datasheet HTML 4Page - National Semiconductor (TI) FPD85310 Datasheet HTML 5Page - National Semiconductor (TI) FPD85310 Datasheet HTML 6Page - National Semiconductor (TI) FPD85310 Datasheet HTML 7Page - National Semiconductor (TI) FPD85310 Datasheet HTML 8Page - National Semiconductor (TI) FPD85310 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Device Specifications T
A = 0˚C to 70˚C, VDD = 3.3V (unless otherwise specified) (Continued)
Symbol
Parameter
Conditions
Min
Max
Units
SPsetup
E/OSP from E/OCLK
65 MHz Video (Note 6)
8
ns
SPhold
E/OSP from E/OCLK
65 MHz Video (Note 6)
8
ns
RGBsetup
ER/EG/EB/OR/OG/OB from E/OCLK
65 MHz Video (Note 6)
8
ns
RGBhold
ER/EG/EB/OR/OG/OB from E/OCLK
65 MHz Video (Note 6)
8
ns
CLKpw
E/OCLK pulsewidth
65 MHz Video (Note 6)
11
ns
CLKperiod
E/OCLK period
65 MHz Video (Note 6)
25
ns
Note 6: Timing applies to Dual Bus output modes.
DS101086-13
Note 3: Measurements at VDIFF =0V
Note 4: RCCS measured between earliest and latest LVDS edges
Note 5: *RxIN3 pair (RxIN_3±) is option for 24-bit color depth
FIGURE 2. FPD85310 (Receiver) Channel-to-Channel Skew and Pulse Width
DS101086-14
FIGURE 3. FPD85310’s (Receiver) Format of the Input Data
DS101086-15
FIGURE 4. Column Driver Bus AC Timing
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com