Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD85310 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD85310
Description  Panel Timing Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD85310 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button FPD85310 Datasheet HTML 15Page - National Semiconductor (TI) FPD85310 Datasheet HTML 16Page - National Semiconductor (TI) FPD85310 Datasheet HTML 17Page - National Semiconductor (TI) FPD85310 Datasheet HTML 18Page - National Semiconductor (TI) FPD85310 Datasheet HTML 19Page - National Semiconductor (TI) FPD85310 Datasheet HTML 20Page - National Semiconductor (TI) FPD85310 Datasheet HTML 21Page - National Semiconductor (TI) FPD85310 Datasheet HTML 22Page - National Semiconductor (TI) FPD85310 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
Functional Description (Continued)
DS101086-8
Note 16: ECLK/ERGB not used — These outputs can be disabled by setting bits 2 and 5 to “0” in the Output Enable/Polarity Control register.
Note 17: Start pulse offset* (D3 [1:0]) is defined as below only in this mode.
“00” — Start pulse 1 clock after 1st data
“01” — Start pulse 1 clock before 1st data
“10” — Start pulse 3 clocks before 1st data
“11” — Start pulse 5 clocks before 1st data
*Start pulse position can be adjusted precisely by unused pixels register (D3 [7:4])
Note 18: The Pcount and Pstart registers are programmed by 2 OCLK only in this mode. (Example) Pcount Register = “02”:4 OCLK duration
FIGURE 14. Single Port Single Bus Column Driver Interface
(SVGA Application)
DS101086-9
Note 19: Total of eight GPOs for REV, LP, and Gate Driver Control (GPO [8] dedicated to blanking function)
Note 20: GPO resolution is video clock/2
FIGURE 15. Standard or Custom Gate Driver Interface
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com