Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD85310 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD85310
Description  Panel Timing Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD85310 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button FPD85310 Datasheet HTML 19Page - National Semiconductor (TI) FPD85310 Datasheet HTML 20Page - National Semiconductor (TI) FPD85310 Datasheet HTML 21Page - National Semiconductor (TI) FPD85310 Datasheet HTML 22Page - National Semiconductor (TI) FPD85310 Datasheet HTML 23Page - National Semiconductor (TI) FPD85310 Datasheet HTML 24Page - National Semiconductor (TI) FPD85310 Datasheet HTML 25Page - National Semiconductor (TI) FPD85310 Datasheet HTML 26Page - National Semiconductor (TI) FPD85310 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
Pin Description (Continued)
Pin No:
Pin Count
Pin Name
I/O
Description
COLUMN DRIVER INTERFACE
1
ECLK
POH
Even CD Bus Clock
1
ESP
POL
Even Start Pulse
6
ER0..ER5
POL
Even Red Bus:
6
EG0..EG5
POL
Even Green Bus:
6
EB0..EB5
POL
Even Blue Bus:
1
EPOL
POL
Even Polarity
1
OCLK
POH
Odd CD Bus Clock
1
OSP
POL
Odd Start Pulse
6
OR0..OR5
POL
Odd Red Bus:
6
OG0..OG5
POL
Odd Green Bus:
6
OB0..OB5
POL
Odd Blue Bus:
1
OPOL
POL
Odd Polarity
GENERAL PURPOSE OUTPUTS
9
GPO[8:0]
TO
General Purpose Outputs
EEPROM INTERFACE
1
EE_SD
I/TO
EEPROM Serial Data
1
EE_SC
I/TO
EEPROM Clock
POWER SUPPLY
1V
DDA
P
PLL and Bandgap Supply
1
GND1
G
PLL Ground
1
GNDA
G
Bandgap Ground
1V
DDD
P
LVDS Receiver Supply
1
GNDD
G
LVDS Receiver Ground
10
V
SSIO
G
IO Ground
9V
DDIO
P
IO Power
3V
SS
G
Digital Ground
3V
DD
P
Digital Power
TEST/CONFIGURATION
5
TEST[4–0]
I
Test/Configuration Pins.
TEST[0] — Must be “0”
TEST[1] — Must be “0”
TEST[2]
“0” —
EEPROM init values loaded every 2
frames
“1” —
EEPROM init values loaded once at
power-up
TEST[3]
“0” —
Ring Oscillator Enable
“1” —
Ring Oscillator Disable
TEST[4] — Must be “0”
•I/TO
— TTL Input/TRI-STATE® output
•TO
— TRI-STATE output
•POL — Programmable (Low Drive)
•POH — Programmable (High Drive)
•I
— TTL Input
•LVDI — Low Voltage Differential Input
•P
— Power
•G
— Ground
www.national.com
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com