Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD85310 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD85310
Description  Panel Timing Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD85310 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button FPD85310 Datasheet HTML 8Page - National Semiconductor (TI) FPD85310 Datasheet HTML 9Page - National Semiconductor (TI) FPD85310 Datasheet HTML 10Page - National Semiconductor (TI) FPD85310 Datasheet HTML 11Page - National Semiconductor (TI) FPD85310 Datasheet HTML 12Page - National Semiconductor (TI) FPD85310 Datasheet HTML 13Page - National Semiconductor (TI) FPD85310 Datasheet HTML 14Page - National Semiconductor (TI) FPD85310 Datasheet HTML 15Page - National Semiconductor (TI) FPD85310 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Functional Description (Continued)
TABLE 2. FPD85310 Programmable Register Definition (Continued)
Control
Registers
EEPROM
Address
The control registers provide mode setting information to the input and output interfaces.
[3]
Enable/Disable Virtual 8-bit (8-bit input only)
“0” = Virtual 8-bit enabled
“1” = Virtual 8-bit disabled (Truncate LSBs)
[4]
Eight/Six Bit Video
“0” = Six Bit Video
“1” = Eight Bit Video
[6:5]
Power-up Delay (TEST2 must be “0”)
“00” = Outputs active after second VSYNC
“01” = Outputs active after third VSYNC
“10” = Outputs active after fourth VSYNC
“11” = Outputs active after fifth VSYNC
[7]
White Data Generation
“0” = No white data generation
“1” = Enables white data generation during vertical blanking
Vertical
Backporch (11
bits)
DA, D9
# of HSYNCS from VSYNC falling edge until start of video
Horizontal
Backporch (11
bits)
D8, D7
# of 65 MHz clocks after the falling edge of HSYNC until start of video
General
Purpose Output
Registers
(9 sets)
See
Table 3
EEPROM
Memory
Map
The GPO registers provide complete control over placement of control edges/strobes within the
data frame. The GPO timing registers (Vertical Start, Vertical Duration, Horizontal Start, and
Horizontal Duration) define the control timing relative to the internal line and pixel counters. The
line counter corresponds to the line being displayed. The pixel counter corresponds to the pixel
output each line. The Control Register provides polarity selection and/or generation of a line to
line frame-to-frame alternating signal (REV). Each General Purpose Output can be uniquely
configured. See the GPO programming examples for details.
- GPO [0] provides for the data inversion function enabled by bit 3 of the Output Format Control
Register
- GPO [8] provides programmable data and clock blanking
Vertical Start
(11 bits)
Line # at which GPO [X] control generation begins
Vertical
Duration
(11 bits)
# lines GPO [X] control generation continues
(if “0”, Vertical component is always on)
Horizontal Start
(10 bits)
Internal count (pixel counter) at which GPO [X] goes active to be triggered on rising edge of the
OCLK
Note: If control register [1] = “1”, start position will be moved by 1 pixel clock
Horizontal
Duration
(11 bits)
# Pixel Clocks/2 GPO [X] is active after Horizontal Start
(if “0”, Horizontal component is always on)
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com