Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD85310 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD85310
Description  Panel Timing Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD85310 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button FPD85310 Datasheet HTML 9Page - National Semiconductor (TI) FPD85310 Datasheet HTML 10Page - National Semiconductor (TI) FPD85310 Datasheet HTML 11Page - National Semiconductor (TI) FPD85310 Datasheet HTML 12Page - National Semiconductor (TI) FPD85310 Datasheet HTML 13Page - National Semiconductor (TI) FPD85310 Datasheet HTML 14Page - National Semiconductor (TI) FPD85310 Datasheet HTML 15Page - National Semiconductor (TI) FPD85310 Datasheet HTML 16Page - National Semiconductor (TI) FPD85310 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Functional Description (Continued)
TABLE 2. FPD85310 Programmable Register Definition (Continued)
Control
Registers
EEPROM
Address
The control registers provide mode setting information to the input and output interfaces.
Control Register
(5 bits)
[0]. Output polarity - defines active high or active low output
“0” = normal output (active high)
“1” = inverted output (active low)
[1]. Toggle circuit enable/disable
“0” = Normal GPO output; Toggle circuitry disabled
“1” = Toggle circuitry enabled; output transitions after 1 clock (pixel counter) whenever
programmed rising edge of GPO occurs.
When “toggle circuit” is enable, the value of “Horizontal Duration” register programming
determine; “001h”
∼’1 H-line-1’ = 1 H-line toggling, ’1 H-line’∼’2 H-line-1’ = 2 H-line
toggling, etc. up to 11 bits are set.
[2].
Automatic Frame Size Detection
GPO [0:1]
“0” = Normal Operation
“1” = Used with toggle circuitry to create a “continuous” REV signal. NOTE: The value
of the vertical duration register is overwritten.
GPO [2:8]
“0” = Normal Operation
“1” = Early Start capability (Vertical Duration = “00” is N/A, See
Table 5)
The value in the Vertical Start Register is subtracted from the total number of
lines/frame (auto-detected) to determine the Vertical Start position.
(It needs a full frame after RSTZ, then started with 1 frame delayed to compare to the
other GPOs)
[4:3]
GPO [0:8] Combination Select* (Two GPOs or multi GPOs)
“00” = Select GPO# as programmed. (no combination function)
“01” = Select GPO# “ANDed” with GPO#-1
“10” = Select GPO# “ORed” with GPO#-1
“11” = Select GPO# and GPO#-1 on alternating frames
(*If the transition of GPO#-1 effect the combined result, it should be delayed 1 OCLK,
and GPO0 cannot be programmed by non-existing of “GPO-1”)
(Examples) GPO#-1 AND GPO#, (GPO#-2 and GPO#-1) OR GPO# and etc.
TABLE 3. EEPROM Memory Map
Address
Data (# bits)
Default Values
0-7F
DDC VESA DATA
(HEX)
80
programmed to 00H for EEPROM auto detect
00
82,81
gpo [8]_pstart_reg (10)
00,01
84,83
gpo [8]_pcount_reg (11)
02,2D
86,85
gpo [8]_lstart_reg (11)
00,01
88,87
gpo [8]_lcount_reg (11)
03,02
89
gpo [8]_cont_reg (5)
00
8B,8A
gpo [7]_pstart_reg (10)
00,14
8D,8C
gpo [7]_pcount_reg (11)
01,E0
8F,8E
gpo [7]_lstart_reg (11)
00,02
91,90
gpo [7]_lcount_reg (11)
03,00
92
gpo [7]_cont_reg (5)
01
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com