Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD85310 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD85310
Description  Panel Timing Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD85310 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button FPD85310 Datasheet HTML 4Page - National Semiconductor (TI) FPD85310 Datasheet HTML 5Page - National Semiconductor (TI) FPD85310 Datasheet HTML 6Page - National Semiconductor (TI) FPD85310 Datasheet HTML 7Page - National Semiconductor (TI) FPD85310 Datasheet HTML 8Page - National Semiconductor (TI) FPD85310 Datasheet HTML 9Page - National Semiconductor (TI) FPD85310 Datasheet HTML 10Page - National Semiconductor (TI) FPD85310 Datasheet HTML 11Page - National Semiconductor (TI) FPD85310 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Functional Description (Continued)
face or custom gate interfaces can be implemented with the
nine GPOs. Note that GPO [8] must be used for output
blanking control.
Five registers provide the timing definition for each GPO.
The Horizontal Start register defines the output pixel number
for which the GPO output goes active. The Horizontal dura-
tion register determines how many clocks the output will re-
main active during the line. The Vertical Start register defines
at what line # the output becomes active, and the Vertical du-
ration register defines how many lines the output remains
active. Each output has a control register (bit 0) which de-
fines the GPO polarity (active high or low). Another bit in the
control register (bit 1) enables the “toggle” mode. This mode
is useful in REV generation when alternating polarity is re-
quired from line to line. Frame to Frame polarity changes are
made by programming an odd # in the vertical duration reg-
ister when in “toggle” mode.
Two of the General Purpose Outputs have additional capa-
bilities. GPO [8] controls output blanking and must be used
for this purpose. If output blanking is not desired, this register
must be programmed to always be active. White data gen-
eration (all “1” data) at the end of each frame is generated
when D6 register bit 7 is set. When this bit is set, white data
is output after line #768 if GPO [8] is active. GPO [0] is ca-
pable of performing line inversion on the output data. Bits
[5:3] of the Output Format Control register provides control
for this function.
See
APPENDIX A: GPO Programming Examples.
SERIAL EEPROM INTERFACE
The Serial EEPROM Interface controls the FPD85310 initial-
ization. If the EEPROM is not present (EESD and EESC are
pulled high), or if EEPROM address 80H is not “00”, the in-
ternal default values are used to initialize all programmable
functions of the FPD85310.
At power-up, the FPD85310 configures the internal program-
mable registers with data from the EEPROM. After the
FPD85310 is initialized, the EEPROM can be accessed by
the system in which display configuration and manufacturing
information can be obtained. The EEPROM can be pro-
grammed “in system” providing quick evaluation of different
display timing.
External access to the EEPROM must be preceded by ap-
plying a “1” to pin TEST [2] in order to interrupt the
FPD85310 download.
The FPD85310 initialization data begins at EEPROM ad-
dress 80H. The first 128 bytes (0-7F) are reserved for dis-
play identification data.
A power-up delay can be programmed using bits [6:5] of the
Input Format Control Register. This delays outputting (driv-
ing) of the data and control for up to 5 frame times after re-
set. The TEST [2] pin must be low for a power-up delay to
occur.
VERTICAL/HORIZONTAL REFERENCE GENERATOR
AND FAILURE DETECTION
This block provides Vertical and Horizontal Reference points
for the Timing Control Function. VSYNC, HSYNC and ENAB
along with programmable control from the input control reg-
ister bits 0 and 1 (FIX HORIZONTAL and FIX VERTICAL)
are used to determine when the video from the host is valid.
Three input modes are supported. See
Table 1.
Fixed Vertical, Fixed Horizontal
The horizontal timing is fixed and determined by the Horizon-
tal Backporch register. The vertical timing is also fixed and
determined by the Vertical Backporch register. ENAB is ig-
nored and is not necessary.
Fixed Vertical, ENAB Controlled Horizontal
The horizontal timing is controlled by the ENAB timing. The
vertical timing is fixed and determined by the Vertical Back-
porch register.
ENAB Only
In ENAB Only timing, VSYNC and HSYNC are ignored. All
timing is derived from the ENAB signal.
Failure Detection
The FPD85310 detects the loss of (necessary) control from
the system. VSYNC, HSYNC, ENAB, and CLK are moni-
tored for failure conditions. Failure condition is detected
whenever the input clock stops or when control necessary
for the operational mode is inactive. Failure conditions result
in outputting a default video stream to the panel. Depending
on the mode, loss of CLK, ENAB, HSYNC and/or VSYNC
will result in fail condition output timing. The FPD85310 has
an internal oscillator used for input clock failure detection. If
the input clock quits toggling, the internal oscillator gener-
ates the control timing to the column drivers and row drivers.
The internal ring oscillator is disabled when a “1” is applied to
the TEST [3] pin. This will, of course, disable the clock failure
detection capability of the FPD85310. Further description of
the failure detection modes is given in
Table 4.
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com