Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-RZ12K Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # PT-RZ12K
Description  3-Chip DLP??Projector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-RZ12K Datasheet(HTML) 3 Page - Panasonic Semiconductor

  PT-RZ12K Datasheet HTML 1Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 2Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 3Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 4Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 5Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 6Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 7Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 8Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Keystone correction range
Installation
Terminals
SDI IN 1
HDMI IN
DVI-D IN
RGB 1 IN
R, G, B
Y, PB, PR (Y, CB, CR)
Video in
RGB 2 IN
R, G, B
Y, PB, PR (Y, CB, CR)
from center of screen, powered
Horizontal
±20% (±15% with the ET
from center of screen, powered
Optical axis shift
Vertical
±55% (±44% with the ET-D75LE6), (+73-78% with the ET-D75LE90),
-D75LE6), (±6% with the ET-D75LE90),
NOTE: Optical axis shift function cannot be operated when used with the ET-D75LE50.
Ceiling/floor, front/rear
BNC × 2,
Dual-link 3G-SDI signal: SMPTE ST 425 compliant
3G-SDI
(3G/HD/SD-SDI, Dual-link HD-SDI, Dual-link 3G-SDI)
signal: SMPTE ST 424 compliant
HD-SDI signal: SMPTE ST 292 compliant
SD-SDI signal: SMPTE ST 259 compliant
HDMI 19-pin × 1, Deep Color, compatible with HDCP,
NOTE: Compatible with non-interlaced signals only.
DVI-D 24-pin ×1, DVI 1.0 compliant, HDCP compatible, for single link only
BNC ×5
R: 0.7 Vp-p, 75 ohms,
G: 0.7 Vp-p (G: 1.0 Vp-p for sync on G), 75 ohms,
B: 0.7 Vp-p, 75 ohms
HD, VD/SYNC: TTL, high impedance, positive/negative automatic
NOTE: SYNC/HD and VD terminals do not accept tri-level sync signals.
Y: 1.0 Vp-p (including sync signal), PB/PR(CB/CR): 0.7 Vp-p, 75 ohms
BNC ×1, 1.0 Vp-p 75 ohms
Y/C Y: 1.0 Vp-p (including sync signal), C: 0.286 Vp-p, 75 ohms
D-sub HD 15-pin (female) ×1
R: 0.7 Vp-p, 75 ohms,
G: 0.7 Vp-p (G: 1.0 Vp-p for sync on G), 75 ohms,
B: 0.7 Vp-p, 75 ohms
HD, VD/SYNC: TTL, high impedance, positive/negative automatic
Y: 1.0 Vp-p (including sync signal), PB/PR (CB/CR): 0.7 Vp-p, 75 ohms
YPBPR (YCBCR)
525i (480i):
fH 15.73 kHz; fV 59.94 Hz,
625i (576i):
fH 15.63 kHz; fV 50 Hz,
525p (480p):
fH 31.47 kHz; fV 59.94 Hz,
625p (576p):
fH 31.25 kHz; fV 50 Hz,
750 (720)/60p:
fH 45.00 kHz; fV 60 Hz,
750 (720)/50p:
fH 37.50 kHz; fV 50 Hz,
1125 (1035)/60i:
fH 33.75 kHz; fV 60 Hz,
1125 (1080)/60i:
fH 33.75 kHz; fV 60 Hz,
1125 (1080)/50i:
fH 28.13 kHz; fV 50 Hz,
1125 (1080)/25p:
fH 28.13 kHz; fV 25 Hz,
1125 (1080)/24p:
fH 27.00 kHz; fV 24 Hz,
1125 (1080)/24sF: fH 27.00 kHz; fV 48 Hz,
1125 (1080)/30p:
fH 33.75 kHz; fV 30 Hz,
1125 (1080)/60p:
fH 67.50 kHz; fV 60 Hz,
1125 (1080)/50p:
fH 56.25 kHz; fV 50 Hz
fH: 15.73 kHz, fV: 59.94 Hz [NTSC/NTSC4.43/PAL-M/PAL60]
fH: 15.63 kHz, fV: 50 Hz [PAL/PAL-N/SECAM]
Video/YC
Scanning frequency
Projection
lens Model
No.
ET-D75LE6
ET-D75LE8
ET-D75LE10
ET-D75LE20
ET-D75LE30
ET-D75LE40
ET-D75LE50
ET-D75LE90
±28
±40
±40
±40
±40
±40
±22
+5/-0
±15
±15
±15
±15
±15
±15
±15
0
±10
±20
±20
±20
±20
±20
±8
-
±10
±15
±15
±15
±15
±15
±8
-
±28
±45
±40
±40
±45
±45
±22
+5/-0
±15
±40
±40
±40
±40
±40
±15
0
±10
±20
±20
±20
±20
±20
±8
-
±10
±15
±15
±15
±15
±15
±8
-
Only [KEYSTONE]
used
[KEYSTONE] and
[CURVED] used together
Only [KEYSTONE]
used
[KEYSTONE] and
[CURVED] used together
Vertical
Horizontal
Vertical
HorizontalVertical
HorizontalVertical
Horizontal
Standard status
When using the optional Upgrade Kit
(Model No.: ET-UK20)
Dual-link HD-SDI signal: SMPTE ST 372 compliant
PT-
RZ12K
3-Chip DLP™ Projector
As of September 2015
3/14
SFD15M030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com