Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-RZ12K Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # PT-RZ12K
Description  3-Chip DLP??Projector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-RZ12K Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button PT-RZ12K Datasheet HTML 2Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 3Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 4Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 5Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 6Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 7Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 8Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 9Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Standard setting-up position
Caution :
• All construction work should be done by a qualified technician.
• When mounting to the ceiling, use the special mounting bracket.
Furthermore, in order to prevent it from falling down from the ceiling, use the supplied wire on the mounting bracket.
Projected image
Lower edge of projected image
Upper edge of projected image
Projected image
L
L
L
unit : mm (inch)
*1 When the lens protrudes to the
maximum.
212 mm (8-11/32) with the ET-D75LE6
125 mm (4-29/32) with the ET-D75LE10
121 mm (4-3/4) with the ET-D75LE20
121 mm (4-3/4) with the ET-D75LE30
124 mm (4-7/8) with the ET-D75LE40
254 mm (10) with the ET-D75LE8
203 mm (8) with the ET-D75LE50
*2 Adjustable in 40 mm (1-9/16) steps.
NOTE:
Illustrations show the projector installed
using optional ceiling mount bracket
ET-PKD520H/ET-PKD520B and an optional
lens.This illustration is not drawn to scale.
If the ET-D75LE90 is attached, refer to the projection
system dimension drawing and the projection distance
table for ET-D75LE90 specications.
*1
60.5
(12-3/8)
100
(3-15/16)
100
(3-15/16)
427
(16-13/16)
298
(11-23/32)
PT-
RZ12K
3-Chip DLP™ Projector
As of September 2015
6/14
SFD15M030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com