Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-RZ12K Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # PT-RZ12K
Description  3-Chip DLP??Projector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-RZ12K Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button PT-RZ12K Datasheet HTML 6Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 7Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 8Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 9Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 10Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 11Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 12Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 13Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 14Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
List of compatible signals
The signals that can be input to this projector are shown in the table below. Horizontal scanning fre-
quencies of 15 kHz to 100 kHz, vertical scanning frequencies of 24 Hz to 120 Hz, and a dot clock of
162 MHz maximum can be input.
NOTE:
The native resolution of this projector is 1,920× 1,200 pixels. If the display resolution of the input signal is different from the
native resolution, image compression or expansion will be used to convert the input signal to a level within the native resolution.
Display mode
Display
resolution
(dots)*1
Scanning frequency
H
(kHz)
V
(kHz)
Dot clock
frequency
(MHz)
Format
720 × 480i
720 × 576i
720 × 480i
720 × 576i
720 × 483
720 × 576
1280 × 720
1920 × 1080i
1920 × 1080
1920 × 1080i
1920 × 1080
2048 × 1080
640 × 400
640 × 480
800 × 600
832 × 624
1024 × 768
1152 × 864
1152 × 870
640 × 400
640 × 480
800 × 600
832 × 624
1024 × 768
1152 × 864
1152 × 870
15.7
15.6
15.7
15.6
31.5
31.3
45.0
37.5
33.8
28.1
27.0
28.1
33.8
67.5
56.3
27.0
31.5
37.9
31.5
35.0
37.9
37.5
43.3
35.2
37.9
48.1
46.9
53.7
49.7
39.6
48.4
56.5
60.0
65.5
68.7
81.4
98.8
53.7
64.0
67.5
76.7
68.7
59.9
50.0
59.9
50.0
59.9
50.0
60.0
50.0
60.0
50.0
24.0
27.0
48.0
25.0
30.0
60.0
50.0
54.0
48.0
56.3
50.0
67.5
60.0
24.0
70.1
85.1
59.9
66.7
72.8
75.0
85.0
56.3
60.3
72.2
75.0
85.1
74.6
50.0
60.0
70.1
75.0
81.6
85.0
100.0
120.0
60.0
70.0
74.9
85.0
75.1
−
−
13.5
13.5
27.0
74.3
148.5
148.5
74.3
25.2
31.5
25.2
30.2
31.5
31.5
36.0
36.0
40.0
50.0
49.5
56.3
57.3
51.9
65.0
75.0
78.8
86.0
94.5
113.3
139.1
81.6
94.2
108.0
121.5
100.0
NTSC/NTSC4.43/PAL-M/PAL60
PAL/PAL-N/SECAM
525i (480i)
625i (576i)
525p (480p)
625p (576p)
750 (720)/60p
750 (720)/50p
1125 (1080)/60i
1125 (1080)/50i
1125 (1080)/24p
1125 (1080)/24sF
1125 (1080)/25p
1125 (1080)/30p
1125 (1080)/60p
1125 (1080)/50p
2K/24p
2K/24sF
2K/48p
2K/50p
2K/60p
VIDEO/Y/C
SDI* /RGB/YCBCR
720(1440) × 480i
720(1440) × 576i
15.7
15.6
59.9
50.0
27.0
525i (480i)
625i (576i)
HDMI/DVI-D
HDMI/DVI-D/
RGB/YCBCR
RGB/YPBPR
SDI*3
3
/HDMI/DVI-D/
SDI*3/HDMI/DVI-D/
RGB/YPBPR
SDI*4
SDI*5
HDMI/DVI-D/RGB
*1 The “i” appearing after the resolution indicates an interlaced signal.
*2 Pixel repetition signal only.
*3 For single-link connection only.
*4 Dual link HD-SDI-compliant.
*5 Dual link 3G-SDI-compliant.
*2
*2
NOTE: DIGITAL LINK and HDMI inputs share the same compatible signal.
PT-
RZ12K
3-Chip DLP™ Projector
As of September 2015
11/14
SFD15M030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com