Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-RZ12K Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # PT-RZ12K
Description  3-Chip DLP??Projector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-RZ12K Datasheet(HTML) 4 Page - Panasonic Semiconductor

  PT-RZ12K Datasheet HTML 1Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 2Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 3Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 4Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 5Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 6Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 7Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 8Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
REMOTE 2 IN
DIGITAL LINK/LAN
Power cord length
Cabinet materials
Dimensions (W ×H × D):
Weight*5
Operation noise*2
Operating temperature
Operating humidity
Remote control unit
Power supply
Operation range*6
Dimensions (W × H × D)
Weight
Supplied accessories
D-sub 9-pin ×1 for external control (parallel)
RJ-45 Network connection / digital link connection (video/network/serial
control) compliant with PJLink,100base-tx, Art-Net compatible
3.0 m (9
10 in)
Molded plastic
44 kg (97.0 lbs) (without lens)
43 dB
Normal
The operating temperature range is 0°C to 50°C (32 °F to 122 °F).
(Brightness is limited at operating temperatures of 35°C (95°F) or more
at altitudes from 700 m to 2,700 m (2,297 ft to 8,858 ft) above sea level,
and at operating temperatures of 25°C (77°F) or more at altitudes from
2,700 m to 4,200 m (8,858 ft to 13,780 ft) above sea level.)
Eco/Long life 1/2/3
The operating temperature range is 0°C to 45°C (32 °F to 113 °F).
(Brightness is limited at operating temperatures of 35°C (95°F) or more
at altitudes up to 2,700 m (8,858 ft) above sea level. The projector cannot
be used at altitudes of 2,700 m (8,858 ft) or more above sea level.)
When the projector is used with a Smoke Cut Filter
The operating temperature range is 0°C to 40°C (32 °F to 104 °F).
(The projector cannot be used at altitudes of 1,400 m (4,593 ft) or more
above sea level.)
* The brightness of the light source may drop depending on the operating
temperature range. The higher the temperture, the greater the drop in the
brightness of the light source will be.
10%– 80% (no condensation)
3 V DC (AA/R6 type battery ×2)
Approx. 30 m (98
5 in) when operated from directly in front of the
signal receptor
47.5 × 181.5 × 27.5 mm (1-7/8 × 7-5/32 × 1-3/32 inches)
Approx. 150 g (5.3 oz) (including batteries)
Power cord (×1) (x2 for PT-RZ12KE)
Wireless/wired remote control unit (× 1)
Batteries for remote control (AA/R6 type ×2)
Softwar
Lens drop-prevention screw (× 1)
e CD-ROM (Logo Transfer Software, Multi Monitoring
& Control Software) (× 1)
*4 With legs at shortest position.
*5Average value (excluding the optional lens). May differ depending on models.
*2 Measurement, measuring conditions, and method of notation all comply with ISO 21118 international standards.
*3 Up to a total of ±55° during simultaneous horizontal and vertical correction.
*6 Operation range differs depending on environments.
Weights and dimensions shown are approximate. Specifications and appearance are subject to change without notice.
*1 When the standby mode is set to eco, network functions such as power on over the LAN network will not operate, and the serial output termi-
nal cannot be used. Also, only certain commands can be received for external control using the serial terminal.
SERIAL IN
SERIAL OUT
REMOTE 1 IN
REMOTE 1 OUT
D-sub 9-pin (female) ×1 for external control (RS-232C compliant)
D-sub 9-pin (male) ×1 for link control
M3 jack ×1 for wired remote control
M3 jack ×1 for link control
3D SYNC 1 IN/OUT
3D SYNC 2 OUT
BNC × 1, 1.0 Vp-p, 75 ohms
Input: TTL, high impedance. Output: TTL, max. 10 mA
BNC × 1, 1.0 Vp-p, 75 ohms, TTL, max. 10 mA
578 × 323.5*4 × 740 mm
(22-3/4 × 12-23/32*4 × 29-1/8 inches) (without lens)
PT-
RZ12K
3-Chip DLP™ Projector
As of September 2015
4/14
SFD15M030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com