Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-RZ12K Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # PT-RZ12K
Description  3-Chip DLP??Projector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-RZ12K Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button PT-RZ12K Datasheet HTML 3Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 4Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 5Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 6Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 7Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 8Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 9Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 10Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
[m] / [in]
/
/
/
/
/
/
/
/
/
/
/
/
1.78
2.03
2.29
2.54
3.05
3.81
5.08
6.35
7.62
10.16
12.70
15.24
70
80
90
100
120
150
200
250
300
400
500
600
Screen size
(diagonal)
Zoom
Zoom lenses
Fixed-focus
Fixed-
focus
lens
Distance to screen (L)
Height from the edge of screen
to center of lens (H)
ET-D75LE10
Zoom lens
min.
max.
min.
max.
min.
max.
min.
max.
min.
max.
min.
max.
ET-D75LE6
Zoom lens
ET-D75LE20
Zoom lens
ET-D75LE30
Zoom lens
ET-D75LE40
Zoom lens
ET-D75LE8
Zoom lens
ET-D75LE50
Fixed-focus
lens
Except
ET-D75LE6
ET-D75LE6
–
–
–
–
–
–
–
–
–
–
–
–
0.06
0.07
0.07
0.08
0.10
0.12
0.16
0.20
0.24
0.32
0.40
0.49
0.89
1.01
1.14
1.27
1.52
1.90
2.53
3.16
3.80
5.06
6.33
7.59
–
–
–
–
–
–
–
–
–
–
–
–
-0.05
-0.05
-0.06
-0.07
-0.08
-0.10
-0.14
-0.17
-0.20
-0.27
-0.34
-0.40
0.99
1.13
1.27
1.41
1.70
2.12
2.83
3.53
4.24
5.65
7.07
8.48
1.01
1.16
1.32
1.47
1.78
2.24
3.01
3.78
4.56
6.10
7.64
9.18
0.47
0.54
0.61
0.67
0.81
1.01
1.35
1.68
2.02
2.69
3.37
4.04
1.62
1.86
2.10
2.34
2.82
3.55
4.75
5.96
7.17
9.58
11.99
14.40
2.46
2.83
3.20
3.56
4.30
5.40
7.24
9.07
10.91
14.58
18.25
21.93
3.58
4.11
4.64
5.17
6.22
7.81
10.45
13.09
15.73
21.01
26.29
31.58
6.94
7.96
8.98
9.99
12.03
15.08
20.17
25.25
30.34
40.51
50.68
60.85
11.05
12.65
14.25
15.85
19.05
23.85
31.86
39.86
47.87
63.87
79.88
95.89
20.56
23.55
26.54
29.53
35.51
44.47
59.41
74.36
89.30
119.19
149.08
178.96
1.35
1.56
1.76
1.96
2.36
2.96
3.97
4.98
5.99
8.00
10.01
12.03
1.90
2.19
2.47
2.76
3.32
4.18
5.60
7.02
8.44
11.28
14.12
16.96
2.46
2.83
3.19
3.55
4.28
5.37
7.19
9.01
10.82
14.46
18.09
21.73
3.56
4.08
4.61
5.13
6.18
7.75
10.38
13.00
15.62
20.86
26.11
31.35
6.87
7.88
8.88
9.88
11.89
14.90
19.93
24.95
29.97
40.01
50.05
60.09
10.78
12.38
13.97
15.57
18.76
23.54
31.52
39.49
47.47
63.42
79.37
95.32
/
17.78
700
/
20.32
800
/
22.86
900
/
25.40 1000
[m] / [in]
/
/
/
/
/
/
/
/
/
/
/
/
1.78
2.03
2.29
2.54
3.05
3.81
5.08
6.35
7.62
10.16
12.70
15.24
70
80
90
100
120
150
200
250
300
400
500
Screen size
(diagonal)
Zoom
Zoom lenses
Fixed-focus
Fixed-
focus
lens
Distance to screen (L)
Height from the edge of screen
to center of lens (H)
ET-D75LE10
Zoom lens
min.
max.
min.
max.
min.
max.
min.
max.
min.
max.
min.
max.
ET-D75LE6
Zoom lens
ET-D75LE20
Zoom lens
ET-D75LE30
Zoom lens
ET-D75LE40
Zoom lens
ET-D75LE8
Zoom lens
ET-D75LE50
Fixed-focus
lens
Except
ET-D75LE6
ET-D75LE6
–
–
–
–
–
–
–
–
–
–
–
–
0.2
0.2
0.2
0.3
0.3
0.4
0.5
0.7
0.8
1.1
1.3
1.6
2.9
3.3
3.7
4.2
5.0
6.2
8.3
10.4
12.5
16.6
20.8
24.9
–
–
–
–
–
–
–
–
–
–
–
–
-0.2
-0.2
-0.2
-0.2
-0.3
-0.3
-0.4
-0.6
-0.7
-0.9
-1.1
-1.3
3.2
3.7
4.2
4.6
5.6
7.0
9.3
11.6
13.9
18.6
23.2
27.8
3.3
3.8
4.3
4.8
5.8
7.3
9.8
12.3
14.9
20.0
25.1
1.6
1.8
2.0
2.2
2.7
3.3
4.4
5.5
6.6
8.8
11.0
5.3
6.1
6.9
7.7
9.3
11.6
15.6
19.6
23.5
31.4
39.3
47.3
8.1
9.3
10.5
11.7
14.1
17.7
23.7
29.8
35.8
47.8
59.9
71.9
11.7
13.5
15.2
16.9
20.4
25.6
34.3
42.9
51.6
68.9
86.3
103.6
22.8
26.1
29.5
32.8
39.5
49.5
66.2
82.8
99.5
132.9
166.3
199.6
36.2
41.5
46.7
52.0
62.5
78.3
104.5
130.8
157.0
209.6
262.1
314.6
67.5
77.3
87.1
96.9
116.5
145.9
194.9
244.0
293.0
391.0
489.1
587.1
4.4
5.1
5.8
6.4
7.7
9.7
13.0
16.3
19.6
26.2
32.9
39.5
6.2
7.2
8.1
9.0
10.9
13.7
18.4
23.0
27.7
37.0
46.3
55.6
8.1
9.3
10.5
11.7
14.0
17.6
23.6
29.5
35.5
47.4
59.4
71.3
11.7
13.4
15.1
16.8
20.3
25.4
34.0
42.6
51.2
68.5
85.7
102.9
22.5
25.8
29.1
32.4
39.0
48.9
65.4
81.8
98.3
131.3
164.2
197.1
35.4
40.6
45.8
51.1
61.5
77.2
103.4
129.6
155.7
208.1
260.4
312.7
Projection distance for 16:10 aspect ratio screen
(ET-D75LE6/D75LE10/D75LE20/D75LE30/D75LE40/D75LE8/D75LE50)
Unit: feet
Unit: meters
•The value for L (distance to screen) varies slightly within ±5% depending on the zoom lens characteristics.
• At the shortest projection distance, the zoom lens characteristics may cause slight image distortion.
•When vertical keystone correction is used, the image is corrected in the direction that reduces its projected size.
NOTE: When the ET-D75LE50 is mounted, the optical lens shift function cannot be used.
14.04 16.82
19.80 25.60
25.36
36.86
36.60
71.02
70.13 111.90 111.27
–
10.72
-0.47 – 9.90
0.57 – 8.86 4.71
16.06 19.23
22.64 29.27
29.00
42.14
41.84
81.19
80.17 127.91 127.23
–
12.27
-0.54 –11.31
0.65 –10.12 5.39
18.07 21.64
25.48
32.94
32.63
47.42
47.09
91.36
90.21 143.92 143.12
–
13.81
-0.61 –12.72
0.73 –11.39 6.06
20.08 24.06
28.33
36.61
36.27
52.70
52.33 101.53 100.25 159.93 159.13
–
15.35
-0.67 –14.14
0.81 –12.65 6.73
600
30.1
13.3
/
17.78
700
/
20.32
800
/
22.86
900
/
25.40 1000
46.1
55.2
65.0
84.0
83.2
120.9
120.1
233.0
230.1 367.1
365.1
–
35.2
-1.5 –32.5
1.9 – 29.1
15.5
52.7
63.1
74.3
96.0
95.1
138.3
137.3
266.4
263.0 419.6
417.4
–
40.2
-1.8 –37.1
2.1 – 33.2
17.7
59.3
71.0
83.6 108.1
107.1
155.6
154.5
299.7
296.0 472.2
469.5
–
45.3
-2.0 –41.7
2.4 – 37.4
19.9
65.9
78.9
92.9 120.1
119.0
172.9
171.7
333.1
328.9 524.7
522.1
–
50.4
-2.2 –46.4
2.7 – 41.5
22.1
PT-
RZ12K
3-Chip DLP™ Projector
As of September 2015
7/14
SFD15M030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com