Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-RZ12K Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # PT-RZ12K
Description  3-Chip DLP??Projector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-RZ12K Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button PT-RZ12K Datasheet HTML 6Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 7Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 8Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 9Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 10Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 11Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 12Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 13Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 14Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
H
(Width of
projected image)
0.2H
0.2H
Standard postition of projected image
Shift range
Optical axis shift function allows to shift the position of a projected image as shown below.
When the lens except the ET-D75LE6 is mounted
H
(Width of
projected image)
0.15H
0.15H
Standard postition of projected image
When the ET-D75LE6 is mounted
NOTE: Because the ET-D75LE50 is a fixed short-throw lens, the lens shift function cannot be used with it.
Installable angle
Install the projector at an angle within the range shown below.
Vertical 360-deg.
FULL 360-degree projection
Horizontal 360-deg.
Tilting 360-deg.
(V&H combination)
360°
360°
360°
PT-
RZ12K
3-Chip DLP™ Projector
As of September 2015
10/14
SFD15M030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com