Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-RX110 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # PT-RX110
Description  DLP Projectors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-RX110 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  PT-RX110 Datasheet HTML 1Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 2Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 3Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 4Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 5Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 6Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 7Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 8Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3/18
SFD16M036
As of August 2016
Scanning frequency
YPBPR (YCBCR)
Video/S-Video
525i (480i):
fH 15.73 kHz; fV 59.9 Hz,
625i (576i):
fH 15.63 kHz; fV 59.9 Hz,
525p (480p):
fH 31.50 kHz; fV 60 Hz,
625p (576p):
fH 31.25 kHz; fV 50 Hz,
750 (720)/60p:
fH 45.00 kHz; fV 60 Hz,
750 (720)/50p:
fH 37.50 kHz; fV 50 Hz,
1125 (1080)/60i:
fH 33.75 kHz; fV 60 Hz,
1125 (1080)/50i:
fH 28.13 kHz; fV 50 Hz,
1125 (1080)/25p:
fH 28.13 kHz; fV 25 Hz,
1125 (1080)/24p:
fH 27.00 kHz; fV 24 Hz,
1125 (1080)/24sF:
fH 27.00 kHz; fV 48 Hz,
1125 (1080)/30p:
fH 33.75 kHz; fV 30 Hz,
1125 (1080)/60p:
fH 67.50 kHz; fV 60 Hz,
1125 (1080)/50p:
fH 56.25 kHz; fV 50 Hz
fH: 15.73 kHz, fV: 59.9 Hz [NTSC/NTSC4.43/PAL-M/PAL60]
fH: 15.63 kHz, fV: 50 Hz
[PAL/PAL-N/SECAM]
• When [GEOMETRY] is used, the focus of the entire screen may be lost as correction increases.
• Make the curved screen a circular arc shape with one part of a perfect circle removed.
• Adjustment range of the [GEOMETRY] items may not match the listed projection range depending
on the projection lens. Use this projector within the projection range, otherwise the correction may
not work.
* Only the vertical keystone correction angle can be corrected in the direction in which the projector body moves
away from the screen.
Geometry correction range
Screen
Screen
DLP™ Projector
PT-RX110B/RX110W/RX110LB/RX110LW
Screen
Projection distance
Arc radius
Screen
Projection distance
Arc radius
Arc center
Screen
Projection distance
Arc radius
Arc center
Screen
Projection distance
Arc radius
Only [KEYSTONE] used
[KEYSTONE] and [CURVED] used together
Only [CURVED] used
Vertical
keystone
correction
angle
α (°)
Horizontal
keystone
correction
angle
β (°)
Vertical
keystone
correction
angle
α (°)
Horizontal
keystone
correction
angle
β (°)
Min. value
of R2/L2
Min. value
of R3/L3
Min. value
of R2/L2
Min. value
of R3/L3
Projection
lens Model
No.
[VERTICAL KEYSTONE] (viewed from the side)
[HORIZONTAL KEYSTONE] (viewed from above)
Vertical arc correction (viewed from the side)
Horizontal arc correction (viewed from above)
±40
+5/-0
±22
±22
±40
±40
±40
±40
±15
0
±15
±15
±15
±15
±15
±15
±20
―
±8
±8
±20
±20
±20
±20
±15
―
±8
±8
±15
±15
±15
±15
0.9
―
1.7
1.7
1.1
0.7
0.4
0.3
1.7
―
4.3
4.3
2.6
1.3
0.8
0.6
0.5
―
1
1
0.6
0.4
0.3
0.2
1
―
2.6
2.6
1.5
0.7
0.5
0.3
Supplied lens/
ET-DLE170
ET-DLE030*
ET-DLE055
ET-DLE085
ET-DLE150
ET-DLE250
ET-DLE350
ET-DLE450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com