Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-RX110 Datasheet(PDF) 13 Page - Panasonic Semiconductor

Part # PT-RX110
Description  DLP Projectors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-RX110 Datasheet(HTML) 13 Page - Panasonic Semiconductor

Back Button PT-RX110 Datasheet HTML 9Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 10Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 11Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 12Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 13Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 14Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 15Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 16Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 17Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13/1 8
SFD16M036
As of August 2016
DLP™ Projector
PT-RX110B/RX110W/RX110LB/RX110LW
Calculation of the projection distance
For a screen size different from the above, use the equation below to calculate the projection distance.
• Distances calculated with the above equations will include a slight error.
Supplied lens/
ET-DLE170
Supplied lens/
ET-DLE170
Aspect ratio 16:9
minimum
L (m) = (diagonal screen size in inches) × 0.0186 - 0.0471
maximum
L (m) = (diagonal screen size in inches) × 0.0230 - 0.0442
ET-DLE085
minimum
L (m) = (diagonal screen size in inches) × 0.0305 - 0.0540
maximum
L (m) = (diagonal screen size in inches) × 0.0439 - 0.0498
ET-DLE150
minimum
L (m) = (diagonal screen size in inches) × 0.0403 - 0.0746
maximum
L (m) = (diagonal screen size in inches) × 0.0563 - 0.0725
minimum
L (m) = (diagonal screen size in inches) × 0.0532 - 0.0800
maximum
L (m) = (diagonal screen size in inches) × 0.0840 - 0.0792
ET-DLE250
minimum
L (m) = (diagonal screen size in inches) × 0.0839 - 0.1351
maximum
L (m) = (diagonal screen size in inches) × 0.1267 - 0.1346
ET-DLE350
minimum
L (m) = (diagonal screen size in inches) × 0.1270 - 0.3017
maximum
L (m) = (diagonal screen size in inches) × 0.2007 - 0.2991
ET-DLE450
L1 (m) = (diagonal screen size in inches) × 0.0092 - 0.0047
L3 (m) = L1-0.166
L4 (m) = L1-0.704
ET-DLE030
(fixed focus)
(fixed focus)
L (m) = (diagonal screen size in inches) × 0.0186 - 0.0476
ET-DLE055
Aspect ratio 4:3
minimum
L (m) = (diagonal screen size in inches) × 0.0170 - 0.0471
maximum
L (m) = (diagonal screen size in inches) × 0.0211 - 0.0442
ET-DLE085
minimum
L (m) = (diagonal screen size in inches) × 0.0280 - 0.0540
maximum
L (m) = (diagonal screen size in inches) × 0.0403 - 0.0498
ET-DLE150
minimumL (m) = (diagonal screen size in inches) × 0.0370 - 0.0746
maximum
L (m) = (diagonal screen size in inches) × 0.0517 - 0.0725
minimum
L (m) = (diagonal screen size in inches) × 0.0488 - 0.0800
maximum
L (m) = (diagonal screen size in inches) × 0.0771 - 0.0792
ET-DLE250
minimum
L (m) = (diagonal screen size in inches) × 0.0770 - 0.1351
maximum
L (m) = (diagonal screen size in inches) × 0.1163 - 0.1346
ET-DLE350
minimum
L (m) = (diagonal screen size in inches) × 0.1165 - 0.3017
maximum
L (m) = (diagonal screen size in inches) × 0.1842 - 0.2991
ET-DLE450
L1 (m) = (diagonal screen size in inches) × 0.0084 - 0.0047
L3 (m) = L1-0.166
L4 (m) = L1-0.704
ET-DLE030
(fixed focus)
(fixed focus)
L (m) = (diagonal screen size in inches) × 0.0171 - 0.0476
ET-DLE055



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com