Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-RX110 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # PT-RX110
Description  DLP Projectors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-RX110 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  PT-RX110 Datasheet HTML 1Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 2Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 3Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 4Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 5Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 6Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 7Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 8Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2/18
SFD16M036
As of August 2016
LCDpanel
Panel size
Display method
Pixels
PT-RX110B/W
PT-RX110LB/LW
Powered zoom/focus lenses (1.8–2.5:1), F 1.7–1.9, f 25.6–35.7 mm
Optional powered zoom/focus lenses and xed-focus lens
Lens
Brightness*3
Center-to-corner uniformity*3
Contrast*3
Resolution
17.8 mm (0.7 in) diagonal (4:3 aspect ratio)
DLP™ chip × 1, DLP™ system
786,432 (1024 × 768) × 1, total of 786,432 pixels
Light source
10,400 lumens (Center)*2/ 10,000 lumens*3
10,000 lumens (Half luminance) (NORMAL)
8,000 lumens (Half luminance) (ECO)
3,900 lumens (Constant luminance) (LONG LIFE1)
3,300 lumens (Constant luminance) (LONG LIFE2)
2,700 lumens (Constant luminance) (LONG LIFE3)
90%
10,000:1 (All White/All Black) (Dynamic Contrast3)
1024 × 768 pixels (Input signals that exceed this resolution will be
converted to 1024 x 768 pixels.)
Laser Diode Laser class 1(Class3R for US models)
Luminance life for set: 20,000 hours at half luminance (normal)/
24,000 hours at half luminance (Eco)
* Temperature: 30°C
(86°F), Altitude 700m (2,297 ft), Dust: 0.15mg/m3
Dynamic Contrast3
43,800 hours at constant luminance (LONG LIFE1)
61,320 hours at constant luminance (LONG LIFE2)
87,600 hours at constant luminance (LONG LIFE3)
BTU value
Max 3,584 BTU
Screen size
1.27– 15.24 m (50– 600 inches) (4:3 aspect ratio)
*1.27 – 5.08 m (50 – 200 inches) with the ET-DLE055 (4:3 aspect ratio)
*2.54 – 7.62 m (100 – 350 inches) with the ET-DLE030 (4:3 aspect ratio)
HDMI/DVI-D
fH: 15- 100kHz, fV: 24 - 120Hz, dot clock: 25 - 162 MHz
525i (480i)*4, 625i (576i)*4, 525p (480p), 625p (576p), 750 (720)/60p,
750 (720)/50p, 1125 (1080)/60i, 1125 (1080)/50i, 1125 (1080)/25p,
1125 (1080)/24p, 1125 (1080)/24sF, 1125 (1080)/30p, 1125 (1080)/60p,
1125 (1080)/50p, VGA (640 x 480) - WUXGA (1920 x 1200) compatible
with non-interlaced signals only
Scanning frequency
RGB
fH: 15- 100kHz, fV: 24 - 120Hz, dot clock: 20 - 162 MHz
Main unit
Power supply
AC100 - 240V 10.4-5.0A 50Hz/60Hz
Specications
Power consumption
1,050W
DLP™ Projector
PT-RX110B/RX110W/RX110LB/RX110LW
NORMAL: 742W ECO: 617W LONG LIFE1: 410-588
LONG LIFE 2: 375-588W LONG LIFE 3: 349-588W SHUTTER: 82W
STANDBY MODE [ECO]*1: 0.2W STANDBY MODE [NORMAL]: 3W
STANDBY MODE (When the [QUICK STARTUP] function is enabled): Approx. 85 W
*Operating Temperature: 25 °C (77 °F), Altitude: 700m (2,297 ft),
ICE62087: 2008 Broadcast contents,
Picture mode: Standard, Dynamic Contrast2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com