Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-RX110 Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # PT-RX110
Description  DLP Projectors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-RX110 Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button PT-RX110 Datasheet HTML 3Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 4Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 5Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 6Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 7Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 8Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 9Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 10Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7/18
SFD16M036
As of August 2016
DLP™ Projector
PT-RX110B/RX110W/RX110LB/RX110LW
Standard setting-up position (If using other than the ET-DLE030)
Caution:
• All construction work should be done by a qualified technician.
• When mounting to the ceiling, use the special mounting bracket. Furthermore, in order to prevent it from falling
down from the ceiling, use the supplied wire on the mounting bracket.
unit : mm (inch)
NOTE:
Illustrations show the projector
installed using optional ceiling mount
bracket ET-PKD120H, optional bracket
assembly ET-PKD130B and an optional
lens.
This illustration is not drawn to scale.
*1 When the lens protrudes to the maximum.
84 mm (3-5/16 in) with the ET-DLE085
43 mm (1-11/16 in)
with the supplied lens/ET-DLE170
44 mm (1-23/32 in) with the ET-DLE150
27 mm (1-1/16 in) with the ET-DLE055
*2 Adjustable in 40 mm (1-9/16 in) steps.
45 mm (1-25/32 in) with the ET-DLE250
51mm (2 in) with the ET-DLE350
95 mm (3-3/4 in) with the ET-DLE450
Projected image
294
244
(11-9/16)
(9-19/32)
ø60.5
*1
Lower edge of projected image
Upper edge of projected image
L
259
(10-3/16)
100
(3-15/16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com