Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-RX110 Datasheet(PDF) 14 Page - Panasonic Semiconductor

Part # PT-RX110
Description  DLP Projectors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-RX110 Datasheet(HTML) 14 Page - Panasonic Semiconductor

Back Button PT-RX110 Datasheet HTML 10Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 11Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 12Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 13Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 14Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 15Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 16Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 17Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 18Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14/1 8
SFD16M036
As of August 2016
DLP™ Projector
PT-RX110B/RX110W/RX110LB/RX110LW
Standard projection postition
Standard projection postition
Formula for calculating possible heights when using the ET-DLE030
Shift range
Optical
If using a screen size which has not been previously mentioned, use the following calculation formulas to
obtain the possible setting-up height.
axis shift function allows to shift the position of a projected image as shown below.
• Floor mount
(When the lens except the ET-DLE085 is mounted.)
• Ceiling mount
(When the lens except the ET-DLE085 is mounted.)
Projected image width H
Projected image width H
Standard projection postition
Standard projection postition
Projected image width H
Projected image width H
• Floor mount
(When the ET-DLE085 is mounted.)
• Ceiling mount
(When the ET-DLE085 is mounted.)
•The ET-DLE055 has a fixed short-focus lens. Therefore, the lens shift function provided in the main unit cannot be used.
For screen aspect ratio of 4:3
Possible setting-up height A1 (mm) = Projection screen size (inches) x 5.8-67.1
Possible setting-up height A2 (mm) = A1 + 200
For screen aspect ratio of 16:9
Possible setting-up height A1 (mm) = Projection screen size (inches) x 5.7-67.1
Possible setting-up height A2 (mm) = A1 + 200
* There may be a small margin of error in the values obtained from the above formulas.
0.1H
0.3H
0.1H
0.28H
0.1H
0.1H
0.3H
0.1H
0.28H
0.1H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com