Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-RX110 Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # PT-RX110
Description  DLP Projectors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-RX110 Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button PT-RX110 Datasheet HTML 4Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 5Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 6Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 7Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 8Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 9Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 10Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 11Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8/18
SFD16M036
As of August 2016
DLP™ Projector
PT-RX110B/RX110W/RX110LB/RX110LW
Projection distance for 4:3 aspect ratio screen (If using other than the ET-DLE030)
1.27
1.52
1.78
2.03
2.29
2.54
3.05
3.81
5.08
6.35
7.62
8.89
10.16
12.70
15.24
Screen size
(diagonal)
min.
max.
min.
max.
Fixed-focus
lens
Fixed-focus
lens
Zoom lens
Zoom lens
Distance to screen (L)
Height from the edge of screen
tocenter of lens (H)
min.
max.
min.
max.
min.
max.
ET-DLE150
min.
[m][in]
max.
ET-DLE085
ET-DLE250
ET-DLE350
ET-DLE450
ET-DLE085
Supplied lens/
ET-DLE150/
250/350/450
ET-DLE055
50
60
70
80
90
100
120
150
200
250
300
350
400
500
600
/
/
/
/
/
/
/
/
/
/
/
/
/
/
-0.04
-0.05
-0.05
-0.06
-0.07
-0.08
-0.09
-0.11
-0.15
-0.19
-0.23
-0.27
-0.31
-0.38
-0.46
0.48
0.58
0.67
0.77
0.86
0.96
1.15
1.44
1.92
2.40
2.88
3.36
3.84
4.80
5.76
0.81
0.98
1.15
1.32
1.49
1.66
2.01
2.52
3.38
–
–
–
–
–
–
0.38
0.46
0.53
0.61
0.69
0.76
0.91
1.14
1.52
–
–
–
–
–
–
1.97
2.37
2.77
3.18
3.58
3.98
4.79
6.00
8.02
10.03
12.05
14.07
16.08
20.12
24.15
1.01
1.22
1.43
1.64
1.86
2.07
2.49
3.12
4.18
5.23
6.29
7.34
8.40
10.51
12.62
2.51
3.03
3.55
4.06
4.58
5.10
6.13
7.68
10.26
12.85
15.43
18.02
20.60
25.77
30.94
3.78
4.55
5.32
6.09
6.86
7.63
9.18
11.49
15.34
19.20
23.06
26.91
30.77
38.48
46.19
5.68
6.84
8.01
9.17
10.33
11.50
13.82
17.31
23.13
28.94
34.76
40.57
46.39
58.02
69.65
8.91
10.75
12.60
14.44
16.28
18.12
21.81
27.33
36.54
45.76
54.97
64.18
73.39
91.81
110.23
1.34
1.62
1.90
2.18
2.46
2.74
3.30
4.14
5.54
6.94
8.33
9.73
11.13
13.92
16.72
0.81
0.98
1.15
1.32
1.49
1.66
2.00
2.51
3.36
4.21
5.07
5.92
6.77
8.48
10.18
1.78
2.15
2.52
2.89
3.26
3.63
4.37
5.48
7.33
9.18
11.03
12.88
14.73
18.43
22.13
2.36
2.85
3.34
3.83
4.32
4.80
5.78
7.24
9.69
12.13
14.57
17.01
19.45
24.33
29.22
3.71
4.48
5.25
6.02
6.79
7.56
9.10
11.41
15.26
19.11
22.96
26.81
30.65
38.35
46.05
5.53
6.69
7.86
9.02
10.19
11.35
13.68
17.18
23.00
28.83
34.66
40.48
46.31
57.96
69.61
Unit: meters
•The value for L (distance to screen) varies slightly within ±5% depending on the zoom lens characteristics.
•The zoom lens characteristics may cause slight image distortion.
•When vertical keystone correction is used, the image is corrected in the direction that reduces its projected size.
•The brightness varies depending on the zoom setting.
Note: When the ET-DLE055 is mounted, the optical lens shift function cannot be used.
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0.48
0.58
0.67
0.77
0.86
0.96
1.15
1.44
1.92
2.40
2.88
3.36
3.84
4.80
5.76
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1.6
1.9
2.2
2.5
2.8
3.1
3.8
4.7
6.3
7.9
9.4
11.0
12.6
15.8
18.9
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
ET-DLE055
1.27
1.52
1.78
2.03
2.29
2.54
3.05
3.81
5.08
6.35
7.62
8.89
10.16
12.70
15.24
Screen size
(diagonal)
min.
max.
min.
max.
Fixed-focus
lens
Fixed-focus
lens
Zoom lens
Zoom lens
Distance to screen (L)
Height from the edge of screen
tocenter of lens (H)
min.
max.
min.
max.
min.
max.
ET-DLE150
min.
[m][in]
max.
ET-DLE085
ET-DLE250
ET-DLE350
ET-DLE450
ET-DLE085
Supplied lens/
ET-DLE150/
250/350/450
ET-DLE055
50
60
70
80
90
100
120
150
200
250
300
350
400
500
600
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
-0.1
-0.2
-0.2
-0.2
-0.2
-0.2
-0.3
-0.4
-0.5
-0.6
-0.8
-0.9
-1.0
-1.3
-1.5
1.6
1.9
2.2
2.5
2.8
3.1
3.8
4.7
6.3
7.9
9.4
11.0
12.6
15.8
18.9
2.7
3.2
3.8
4.3
4.9
5.5
6.6
8.3
11.1
–
–
–
–
–
–
1.3
1.5
1.7
2.0
2.3
2.5
3.0
3.8
5.0
–
–
–
–
–
–
6.5
7.8
9.1
10.4
11.7
13.1
15.7
19.7
26.3
32.9
39.5
46.1
52.8
66.0
79.2
3.3
4.0
4.7
5.4
6.1
6.8
8.2
10.2
13.7
17.2
20.6
24.1
27.5
34.5
41.4
8.2
9.9
11.6
13.3
15.0
16.7
20.1
25.2
33.7
42.2
50.6
59.1
67.6
84.5
101.5
12.4
14.9
17.5
20.0
22.5
25.0
30.1
37.7
50.3
63.0
75.6
88.3
100.9
126.2
151.5
18.6
22.5
26.3
30.1
33.9
37.7
45.4
56.8
75.9
95.0
114.0
133.1
152.2
190.4
228.5
29.2
35.3
41.3
47.4
53.4
59.5
71.5
89.7
119.9
150.1
180.3
210.6
240.8
301.2
361.7
4.4
5.3
6.2
7.2
8.1
9.0
10.8
13.6
18.2
22.8
27.3
31.9
36.5
45.7
54.9
2.6
3.2
3.8
4.3
4.9
5.4
6.6
8.2
11.0
13.8
16.6
19.4
22.2
27.8
33.4
5.8
7.0
8.3
9.5
10.7
11.9
14.3
18.0
24.0
30.1
36.2
42.3
48.3
60.5
72.6
7.7
9.4
11.0
12.6
14.2
15.8
19.0
23.8
31.8
39.8
47.8
55.8
63.8
79.8
95.9
12.2
14.7
17.2
19.8
22.3
24.8
29.9
37.4
50.1
62.7
75.3
87.9
100.6
125.8
151.1
18.1
21.9
25.8
29.6
33.4
37.2
44.9
56.4
75.5
94.6
113.7
132.8
151.9
190.2
228.4
Unit: feet
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
ET-DLE055
Supplied lens/
ET-DLE170
Supplied lens/
ET-DLE170



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com