Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH04040W Datasheet(PDF) 1 Page - Artesyn Technologies

Part # PTH04040W
Description  3.3 / 5.0 Vin Single Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

PTH04040W Datasheet(HTML) 1 Page - Artesyn Technologies

  PTH04040W Datasheet HTML 1Page - Artesyn Technologies PTH04040W Datasheet HTML 2Page - Artesyn Technologies PTH04040W Datasheet HTML 3Page - Artesyn Technologies PTH04040W Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
POWER
PTH04040
3.3 / 5.0 Vin Single Output
Total Power:
150 Watts
Input Voltage: 2.95 - 5.5 Vdc
# of Outputs:
Single
SPECIAL FEATURES
ƒ
60 A output current(7)
ƒ
3.3/5 V input voltage
(2.95 - 5.5 Vdc)
ƒ
Wide-output voltage adjust
(0.8 V - 2.5 V)
ƒ
Auto-track™ sequencing*
ƒ
Margin up/down controls
ƒ
Efficiencies up to 93%
ƒ
Output ON/OFF inhibit
ƒ
Differential remote sense
ƒ
Programmable input Under-Voltage
Lockout (UVLO)
ƒ
Point-of-Load-Alliance (POLA)
compatible
ƒ
RoHS compliant
ƒ
Two year warranty
SAFETY
ƒ
UL/cUL CAN/CSA-C22.2 No. 60950
ƒ
File No. E174104
ƒ
TÜV Product Service (EN60950)
Certificate No. B04 06 38572 044
ƒ
CB report and certificate to
IEC60950, Certificate No. US/8292/
UL
Electrical Specifications
Input
Input voltage range
(See Note 3, 5)
2.95 - 5.5 V
Input standby current
60 mA typical
Remote ON/OFF
(See Note 5)
Negative logic
Undervoltage lockout
(Pin 8 open)
(See Note 6)
On threshold
Hysteresis
6.6 - 7.5 Vdc typical
2.60 V
0.6 V
Track input voltage
Pin 18 (See Note 2)
-0.11 mA
Output
Voltage adjustability
2.95 < Vi < 4.5 V
4.50 < Vi < 5.5 V
0.8 - 1.65 Vdc
0.8 - 2.5 Vdc
Setpoint accuracy
(See Note 1)
±2.0% Vo
Line regulation
±5 mV typical
Load regulation
±5 mV typical
Total regulation
(See Note 1)
±3.0% Vo
Minimum load
0 A
Ripple and noise
20 MHz bandwidth
15 mV typical
Transient response
(See Note 4)
100
μs recovery time
Overshoot/undershoot 200 mV
Margin adjustment
(See Note 8)
±5.0% Vo
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated.
Cin = 1000 μF, Cout = 660 μF.
*Auto-track is a trademark of Texas Instruments.
Data Sheet


Similar Part No. - PTH04040W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH04040W TI-PTH04040W Datasheet
994Kb / 24P
60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH04040W TI2-PTH04040W Datasheet
618Kb / 27P
60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
REVISED JUNE 2010
logo
Artesyn Technologies
PTH04040WAD ARTESYN-PTH04040WAD Datasheet
437Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
logo
Texas Instruments
PTH04040WAD TI2-PTH04040WAD Datasheet
618Kb / 27P
60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
REVISED JUNE 2010
PTH04040WAD.B TI2-PTH04040WAD.B Datasheet
618Kb / 27P
60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
REVISED JUNE 2010
More results

Similar Description - PTH04040W

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL05E ARTESYN-SIL05E Datasheet
432Kb / 11P
0.75 Vin to 3.63 Vin Single output
SMT05E ARTESYN-SMT05E Datasheet
580Kb / 15P
0.75 Vin to 3.63 Vin Single output
SMT05E-12V ARTESYN-SMT05E-12V Datasheet
230Kb / 12P
0.8 Vin - 3.63 Vin Single output
SMT10E ARTESYN-SMT10E Datasheet
658Kb / 32P
3.0 Vin to 5.5 Vin Single output
SMT15E-12V ARTESYN-SMT15E-12V Datasheet
290Kb / 12P
0.8 Vin to 3.63 Vin Single output
logo
Emerson Network Power
SMT06C EMERSON-NETWORKPOWER-SMT06C Datasheet
297Kb / 4P
5 Vin and 12 Vin single output
SMT30E EMERSON-NETWORKPOWER-SMT30E Datasheet
948Kb / 5P
12 Vin single output
SIL30E-12W3V3-VJ EMERSON-NETWORKPOWER-SIL30E-12W3V3-VJ Datasheet
581Kb / 5P
12 Vin Single Output
logo
Artesyn Technologies
SMT12F-03W2V6J ARTESYN-SMT12F-03W2V6J Datasheet
443Kb / 5P
3.3 Vin and 5 Vin single output
SMT40C-12SADJJ ARTESYN-SMT40C-12SADJJ_07 Datasheet
261Kb / 4P
12 Vin single output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com