Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0141CS Datasheet(PDF) 59 Page - ON Semiconductor

Part # AR0141CS
Description  1/4-Inch Digital Image Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 59 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 55Page - ON Semiconductor AR0141CS Datasheet HTML 56Page - ON Semiconductor AR0141CS Datasheet HTML 57Page - ON Semiconductor AR0141CS Datasheet HTML 58Page - ON Semiconductor AR0141CS Datasheet HTML 59Page - ON Semiconductor AR0141CS Datasheet HTML 60Page - ON Semiconductor AR0141CS Datasheet HTML 61Page - ON Semiconductor AR0141CS Datasheet HTML 62Page - ON Semiconductor AR0141CS Datasheet HTML 63Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 64 page
background image
AR0141CS/D Rev. 6, 4/16 EN
59
©Semiconductor Components Industries, LLC, 2016.
AR0141CS: 1/4-Inch Digital Image Sensor
Electrical Specifications
Note:
The Clock DLL Steps 6 and 7 are not recommended by ON Semiconductor for the AR0141CS.
Note:
The Data DLL Steps 3, 5, and 7 are not recommended by ON Semiconductor for the AR0141CS.
Power-Up Sequence
The recommended power-up sequence for the AR0141CS is shown in Figure 49. The
available power supplies (VDD_IO, VDD, VDD_SLVS, VDD_PLL, VAA, VAA_PIX) must have
the separation specified below.
1. Turn on VDD_PLL power supply.
2. After 100s, turn on VAA and VAA_PIX power supply.
3. After 100s, turn on VDD_IO power supply.
4. After 100s, turn on VDD power supply.
5. After 100s, turn on VDD_SLVS power supply.
6. After the last power supply is stable, enable EXTCLK.
7. Assert RESET_BAR for at least 1ms. The parallel interface will be tri-stated during this
time.
8. Wait 1800 EXTCLKs for internal initialization into software standby.
9. Initiate load of OTPM data by setting R0x304A=0x0010.
10. Wait for 185135 EXTCLKs for a full OTPM loading.
11. Configure PLL, output, and image settings to desired values.
12. Wait 1ms for the PLL to lock.
13. Set streaming mode (R0x301A[2] = 1).
Table 34:
Clock DLL Steps
Measurement Conditions: VDD_HiSPi = 1.8V;VDD_HiSPi_TX = 0.8V; Data DLL set to 0
Clock DLL Step
1
2
3
4
5
Step
Delay at 660 Mbps
0.25
0.375
0.5
0.625
0.75
UI
Eye_opening at 660 Mbps
0.85
0.78
0.71
0.71
0.69
UI
Table 35:
Data DLL Steps
Measurement Conditions: VDD_HiSPi = 1.8V;VDD_HiSPi_TX = 0.8V; Clock DLL set to 0
Data DLL Step
1
2
4
6
Step
Delay at 660 Mbps
0.25
0.375
0.625
0.875
UI
Eye opening at 660 Mbps
0.79
0.84
0.71
0.61
UI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com