Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0141CS Datasheet(PDF) 13 Page - ON Semiconductor

Part # AR0141CS
Description  1/4-Inch Digital Image Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 13 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 9Page - ON Semiconductor AR0141CS Datasheet HTML 10Page - ON Semiconductor AR0141CS Datasheet HTML 11Page - ON Semiconductor AR0141CS Datasheet HTML 12Page - ON Semiconductor AR0141CS Datasheet HTML 13Page - ON Semiconductor AR0141CS Datasheet HTML 14Page - ON Semiconductor AR0141CS Datasheet HTML 15Page - ON Semiconductor AR0141CS Datasheet HTML 16Page - ON Semiconductor AR0141CS Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
AR0141CS/D Rev. 6, 4/16 EN
13
©Semiconductor Components Industries, LLC, 2016.
AR0141CS: 1/4-Inch Digital Image Sensor
Pixel Output Interfaces
High Speed Serial Pixel Data Interface
The High Speed Serial Pixel (HiSPi) interface uses four data lanes and one clock as
output.
•SLVSC_P
•SLVSC_N
•SLVS0_P
•SLVS0_N
•SLVS1_P
•SLVS1_N
•SLVS2_P
•SLVS2_N
•SLVS3_P
•SLVS3_N
The HiSPi interface supports three protocols, Streaming-S, Streaming-SP, and Packetized
SP. The streaming protocols conform to a standard video application where each line of
active or intra-frame blanking provided by the sensor is transmitted at the same length.
The Packetized SP protocol will transmit only the active data ignoring line-to-line and
frame-to-frame blanking data.
These protocols are further described in the High-Speed Serial Pixel (HiSPi) Interface
Protocol Specification V1.50.00.
The HiSPi interface building block is a unidirectional differential serial interface with
four data and one double data rate (DDR) clock lanes. One clock for every four serial
data lanes is provided for phase alignment across multiple lanes. Figure 9 shows the
configuration between the HiSPi transmitter and the receiver.
Figure 9:
HiSPi Transmitter and Receiver Interface Block Diagram
A camera containing
the HiSPi transmitter
A host (DSP) containing
the HiSPi receiver
Dp0
Dn0
Dp1
Dn1
Dp2
Dn2
Dp3
Dn3
Cp0
Cn0
Tx
PHY0
Rx
PHY0
Dp0
Dn0
Dp1
Dn1
Dp2
Dn2
Dp3
Dn3
Cp0
Cn0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com