Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0141CS Datasheet(PDF) 32 Page - ON Semiconductor

Part # AR0141CS
Description  1/4-Inch Digital Image Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 32 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 28Page - ON Semiconductor AR0141CS Datasheet HTML 29Page - ON Semiconductor AR0141CS Datasheet HTML 30Page - ON Semiconductor AR0141CS Datasheet HTML 31Page - ON Semiconductor AR0141CS Datasheet HTML 32Page - ON Semiconductor AR0141CS Datasheet HTML 33Page - ON Semiconductor AR0141CS Datasheet HTML 34Page - ON Semiconductor AR0141CS Datasheet HTML 35Page - ON Semiconductor AR0141CS Datasheet HTML 36Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
AR0141CS/D Rev. 6, 4/16 EN
32
©Semiconductor Components Industries, LLC, 2016.
AR0141CS: 1/4-Inch Digital Image Sensor
Frame Readout
Frame Readout
The sensor readout begins with vertical blanking rows followed by the active rows. The
frame readout period can be defined by the number of row periods within a frame
(frame_length_lines) and the row period (line_length_pck/clk_pix). The sensor will read
the first vertical blanking row at the beginning of the frame period and the last active row
at the end of the row period.
Figure 29:
Example of the Sensor Output of a 1280 x 720 Frame at 60 fps
The frame valid and line valid signals mentioned in this diagram represent internal signals within the sensor.
The SYNC codes represented in this diagram represent the HiSPi Streaming-SP protocol.
Figure 29 aligns the frame integration and readout operation to the sensor output. It also
shows the sensor output using the HiSPi Streaming-SP protocol. Different sensor proto-
cols will list different SYNC codes.
Active Rows
Vertical Blanking
Time
1/60s
End of Frame
Readout
End of Frame
Readout
Start of Vertical Blanking
Start of Frame
Start of Active Row
End of Line
Serial SYNC Codes
End of Frame
Row Reset
Row Read
Row Reset
Row Read
Frame Valid
Line Valid
1/60s
Row Reset
Row Read
Row Reset
Row Read
1280 x 720
1280 x 720
HB (370 Pixels/Column)
HB (370 Pixels/Column)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com