Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0141CS Datasheet(PDF) 39 Page - ON Semiconductor

Part # AR0141CS
Description  1/4-Inch Digital Image Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 39 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 35Page - ON Semiconductor AR0141CS Datasheet HTML 36Page - ON Semiconductor AR0141CS Datasheet HTML 37Page - ON Semiconductor AR0141CS Datasheet HTML 38Page - ON Semiconductor AR0141CS Datasheet HTML 39Page - ON Semiconductor AR0141CS Datasheet HTML 40Page - ON Semiconductor AR0141CS Datasheet HTML 41Page - ON Semiconductor AR0141CS Datasheet HTML 42Page - ON Semiconductor AR0141CS Datasheet HTML 43Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
AR0141CS/D Rev. 6, 4/16 EN
39
©Semiconductor Components Industries, LLC, 2016.
AR0141CS: 1/4-Inch Digital Image Sensor
Changing Sensor Modes
Test Patterns
The AR0141CS has the capability of injecting a number of test patterns into the top of
the datapath to debug the digital logic. With one of the test patterns activated, any of the
datapath functions can be enabled to exercise it in a deterministic fashion. Test patterns
are selected by Test_Pattern_Mode register (R0x3070). Only one of the test patterns can
be enabled at a given point in time by setting the Test_Pattern_Mode register according
to Table 17. When test patterns are enabled the active area will receive the value speci-
fied by the selected test pattern and the dark pixels will receive the value in Test_Pat-
tern_Green (R0x3074 and R0x3078) for green pixels, Test_Pattern_Blue (R0x3076) for
blue pixels, and Test_Pattern_Red (R0x3072) for red pixels. The noise pedestal offset at
register 0x30FE impacts on the test pattern output, so the noise_pedestal needs to be set
as 0x0000 for normal test pattern output.
Solid Color
When the color field mode is selected, the value for each pixel is determined by its color.
Green pixels will receive the value in Test_Pattern_Green, red pixels will receive the value
in Test_Pattern_Red, and blue pixels will receive the value in Test_Pattern_Blue.
Vertical Color Bars
When the vertical color bars mode is selected, a typical color bar pattern will be sent
through the digital pipeline.
Walking 1s
When the walking 1s mode is selected, a walking 1s pattern will be sent through the
digital pipeline. The first value in each row is 1.
Table 17:
Test Pattern Modes
Test_Pattern_Mode
Test Pattern Output
0
No test pattern (normal operation)
1
Solid color test pattern
2
100% Vertical Color Bars test pattern
3
Fade-to-Gray Vertical Color Bars test pattern
256
Walking 1s test pattern (12-bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com