Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0141CS Datasheet(PDF) 35 Page - ON Semiconductor

Part # AR0141CS
Description  1/4-Inch Digital Image Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 35 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 31Page - ON Semiconductor AR0141CS Datasheet HTML 32Page - ON Semiconductor AR0141CS Datasheet HTML 33Page - ON Semiconductor AR0141CS Datasheet HTML 34Page - ON Semiconductor AR0141CS Datasheet HTML 35Page - ON Semiconductor AR0141CS Datasheet HTML 36Page - ON Semiconductor AR0141CS Datasheet HTML 37Page - ON Semiconductor AR0141CS Datasheet HTML 38Page - ON Semiconductor AR0141CS Datasheet HTML 39Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
AR0141CS/D Rev. 6, 4/16 EN
35
©Semiconductor Components Industries, LLC, 2016.
AR0141CS: 1/4-Inch Digital Image Sensor
Changing Sensor Modes
Figure 31:
Example of Changing the Sensor from Context A to Context B
Compression
The AR0141CS can optionally compress 12-bit data to 10-bit using A-law compression.
The compression is applied after the data pedestal has been added to the data. See “Data
Pedestals” on page 19.
The A-law compression is disabled by default and can be enabled by setting R0x31D0
from “0” to “1” and 0x31AC needs to be set to 0x0C0A.
Table 16:
A-Law Compression Table for 12-10 bits
Input Range
Input Values
Compressed Codeword
11
10
9
8
7
6
5
4
3
2
1
0
9
8
7
6
5
4
3
2
1
0
0 to 127
0
0
0
0
0
a
b
c
d
e
f
g
0
0
0
a
b
c
d
e
f
g
128 to 255
0
0
0
0
1
a
b
c
d
e
f
g
0
0
1
a
b
c
d
e
f
g
256 to 511
0
0
0
1
a
b
c
d
e
f
g
X
0
1
0
a
b
c
d
e
f
g
512 to 1023
0
0
1
a
b
c
d
e
f
g
X
X
0
1
1
a
b
c
d
e
f
g
1024 to 2047
0
1
a
b
c
d
e
f
g
h
X
X
1
0
a
b
c
d
e
f
g
h
2048 to 4095
1
a
b
c
d
e
f
g
h
X
X
X
1
1
a
b
c
d
e
f
g
h
Active Rows
V ertical B lanking
Tim e
1/6 0s
1/6 0s
Start of Vertic al Blankin g
Start of Fram e
S ta rt o f A c tiv e R o w
End of Fram e
Serial SYNC Codes
End of Fram e
Readout
End of Fram e
Readout
End of Fram e
Readout
1/3 0s
1280 x 720
F ram e N+1
1 280 x 720
Fra m e N
H B (370 P ixels/C olum n)
H B (370 P ixels/C olum n)
1280 x 720
F ram e N+2
H B (370 P ixels/C olum n)
Write context A to B
during readout of Frame N
Integration time of context
B mode implemented
during readout of frame
N+1
Context B mode is
implemented in frame N+2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com