Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD200C08D2 Datasheet(PDF) 26 Page - Microchip Technology

Part # MD200C08D2
Description  Motion Module
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MD200C08D2 Datasheet(HTML) 26 Page - Microchip Technology

Back Button MD200C08D2 Datasheet HTML 20Page - Microchip Technology MD200C08D2 Datasheet HTML 21Page - Microchip Technology MD200C08D2 Datasheet HTML 22Page - Microchip Technology MD200C08D2 Datasheet HTML 23Page - Microchip Technology MD200C08D2 Datasheet HTML 24Page - Microchip Technology MD200C08D2 Datasheet HTML 25Page - Microchip Technology MD200C08D2 Datasheet HTML 26Page - Microchip Technology MD200C08D2 Datasheet HTML 27Page - Microchip Technology MD200C08D2 Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
MM7150
DS00001888B-page 26
 2015 - 2016 Microchip Technology Inc.
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.(1)
X
Device
Device:
MM7150(1)
Temperature
Range:
Blank = Commercial (0°C to +70°C)
I
= Industrial (-40°C to +85°C)
Sensor Fusion
Firmware:
AB1
=
Bosch 9-axis Sensor Fusion
Example:
a)
MM7150-AB1, Bosch 9-axis sensor fusion,
Commercial Temperature
b)
MM7150I-AB1, Bosch 9-axis sensor fusion.,
Industrial Temperature
Series
All package options are lead-free and RoHS
compliant. For RoHS compliance and envi-
ronmental information, please visit
http://www.microchip.com/pagehandler/en-
us/aboutus/ehs.html.
Note 1:
These products meet the halogen maximum
concentration values per IEC61249-2-21.
XXX
Firmware
Fusion
Sensor
Temperature
Range
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com