Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD200C08D2 Datasheet(PDF) 20 Page - Microchip Technology

Part # MD200C08D2
Description  Motion Module
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MD200C08D2 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MD200C08D2 Datasheet HTML 16Page - Microchip Technology MD200C08D2 Datasheet HTML 17Page - Microchip Technology MD200C08D2 Datasheet HTML 18Page - Microchip Technology MD200C08D2 Datasheet HTML 19Page - Microchip Technology MD200C08D2 Datasheet HTML 20Page - Microchip Technology MD200C08D2 Datasheet HTML 21Page - Microchip Technology MD200C08D2 Datasheet HTML 22Page - Microchip Technology MD200C08D2 Datasheet HTML 23Page - Microchip Technology MD200C08D2 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
MM7150
DS00001888B-page 20
 2015 - 2016 Microchip Technology Inc.
8.2
AC Characteristics and Timing Parameters
The information contained in this section defines MM7150 AC characteristics and timing parameters.
FIGURE 8-1:
LOAD CONDITIONS FOR DEVICE TIMING SPECIFICATIONS
TABLE 8-7:
CAPACITIVE LOADING REQUIREMENTS ON OUTPUT PINS
AC CHARACTERISTICS
Standard Operating Conditions: 2.3V to 3.6V
(unless otherwise stated)
Param.
No.
Symbol
Characteristics
Min.
Typical(1)
Max.
Units
Conditions
DO56
CIO
All I/O pins
—
—
50
pF
DO58
CB
SCLx, SDAx
—
—
400
pF
In I2C™ mode
Note 1:
Data in “Typical” column is at 3.3V, 25°C unless otherwise stated. Parameters are for design guidance
only and are not tested.
VDD/2
CL
RL
Pin
Pin
VSS
VSS
CL
RL = 464
CL = 50 pF for all pins
Load Condition 1 – for all pins except OSC2
Load Condition 2 – for OSC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com