Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD200C08D2 Datasheet(PDF) 6 Page - Microchip Technology

Part # MD200C08D2
Description  Motion Module
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MD200C08D2 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MD200C08D2 Datasheet HTML 2Page - Microchip Technology MD200C08D2 Datasheet HTML 3Page - Microchip Technology MD200C08D2 Datasheet HTML 4Page - Microchip Technology MD200C08D2 Datasheet HTML 5Page - Microchip Technology MD200C08D2 Datasheet HTML 6Page - Microchip Technology MD200C08D2 Datasheet HTML 7Page - Microchip Technology MD200C08D2 Datasheet HTML 8Page - Microchip Technology MD200C08D2 Datasheet HTML 9Page - Microchip Technology MD200C08D2 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
MM7150
DS00001888B-page 6
 2015 - 2016 Microchip Technology Inc.
1.3
Pin Descriptions
The pin descriptions are provided in Table 1-1.
TABLE 1-1:
PIN DESCRIPTIONS
Pin
Number
Name
Type
Description
1
HOST_TO_SH_WAKE
I
Used to wake Motion Module from a Sleep state. This signal must
be driven high at least 11ms prior to sending any I2C traffic to the
Motion Module. Active high input.
This pin should be connected to VDD through a 100KΩ resistor.
11
HOST_TO_SH_RESET
I
Reset input. Used to reset the host I2C interface.
This pin should be connected to VDD through a 100KΩ resistor.
4
HIDI2C_HOST_INT
O
Alert Interrupt signal from Motion Module to Host. Used to tell
Host data from Motion Module is ready to be sent out. Active low
output.
15
HIDI2C_HOST_CLK
IOD
I2C Controller Clock to Host Interface
16
HIDI2C_HOST_DAT
IOD
I2C Controller Data to Host Interface
10
NC1
-
This pin should be left unconnected
2
NC2
-
This pin should be left unconnected
9
NC3
-
This pin should be left unconnected
12
NC4
-
This pin should be left unconnected
13
NC5
-
This pin should be left unconnected
14
NC6
-
This pin should be left unconnected
3
NC7
-
This pin should be left unconnected
5
NC8
-
This pin should be left unconnected
6
NC9
-
This pin should be left unconnected
7
VDD
PWR
VDD supply
8
VSS
GND
VDD associated ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com