Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD200C08D2 Datasheet(PDF) 16 Page - Microchip Technology

Part # MD200C08D2
Description  Motion Module
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MD200C08D2 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MD200C08D2 Datasheet HTML 12Page - Microchip Technology MD200C08D2 Datasheet HTML 13Page - Microchip Technology MD200C08D2 Datasheet HTML 14Page - Microchip Technology MD200C08D2 Datasheet HTML 15Page - Microchip Technology MD200C08D2 Datasheet HTML 16Page - Microchip Technology MD200C08D2 Datasheet HTML 17Page - Microchip Technology MD200C08D2 Datasheet HTML 18Page - Microchip Technology MD200C08D2 Datasheet HTML 19Page - Microchip Technology MD200C08D2 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
MM7150
DS00001888B-page 16
 2015 - 2016 Microchip Technology Inc.
8.0
ELECTRICAL CHARACTERISTICS
This section provides an overview of the MM7150 electrical characteristics. Additional information will be provided in
future revisions of this document as it becomes available.
Absolute maximum ratings for the MM7150 devices are listed below. Exposure to these maximum rating conditions for
extended periods may affect device reliability. Functional operation of the device at these or any other conditions, above
the parameters indicated in the operation listings of this specification, is not implied.
Absolute Maximum Ratings
(See Note 1)
Ambient temperature under bias (Commercial temperature range).............................................................0°C to +70°C
Ambient temperature under bias (Industrial temperature range) ..............................................................-40°C to +85°C
Storage temperature .............................................................................................................................. -65°C to +150°C
Voltage on VDD with respect to VSS ......................................................................................................... -0.3V to +4.0V
Voltage on any pin that is not 5V tolerant, with respect to VSS (Note 3) ......................................... -0.3V to (VDD + 0.3V)
Voltage on any 5V tolerant pin with respect to VSS when VDD
 2.3V (Note 3) ........................................ -0.3V to +5.5V
Voltage on any 5V tolerant pin with respect to VSS when VDD < 2.3V (Note 3)........................................ -0.3V to +3.6V
Maximum current out of VSS pin(s) .......................................................................................................................300 mA
Maximum current into VDD pin(s) (Note 2)............................................................................................................300 mA
Maximum output current sunk by any I/O pin..........................................................................................................15 mA
Maximum output current sourced by any I/O pin.....................................................................................................15 mA
Maximum current sunk by all ports........................................................................................................................200 mA
Maximum current sourced by all ports (Note 2) ....................................................................................................200 mA
Note 1:
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions,
above those indicated in the operation listings of this specification, is not implied. Exposure to maximum
rating conditions for extended periods may affect device reliability.
2:
Maximum allowable current is a function of device maximum power dissipation (see Table 8-2).
3:
See the “Pin List” section for the 5V tolerant pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com