Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD200C08D2 Datasheet(PDF) 1 Page - Microchip Technology

Part # MD200C08D2
Description  Motion Module
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MD200C08D2 Datasheet(HTML) 1 Page - Microchip Technology

  MD200C08D2 Datasheet HTML 1Page - Microchip Technology MD200C08D2 Datasheet HTML 2Page - Microchip Technology MD200C08D2 Datasheet HTML 3Page - Microchip Technology MD200C08D2 Datasheet HTML 4Page - Microchip Technology MD200C08D2 Datasheet HTML 5Page - Microchip Technology MD200C08D2 Datasheet HTML 6Page - Microchip Technology MD200C08D2 Datasheet HTML 7Page - Microchip Technology MD200C08D2 Datasheet HTML 8Page - Microchip Technology MD200C08D2 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
 2015 - 2016 Microchip Technology Inc.
DS00001888B-page 1
Product Features
• High Performance 32-bit Embedded Controller
• Cost effective solution
• Small form factor ideal for embedded applications
• Low power; 13.25mA in active mode
• System in deep sleep consumes 70µA
• Host interface via I2C
• 3.3-Volt I/O
• Package
- 17mm x 17mm, 16-pin module
Sensor Firmware
• Sensor fusion firmware features include:
- Self-contained 9-axis sensor fusion
- Sensor data pass-through
- Fast in-use background calibration of all sen-
sors and calibration monitor
- Magnetic immunity: Enhanced magnetic dis-
tortion, detection and suppression
- Gyroscope drift cancellation
- Fully calibrated
• Easy to implement complete turnkey sensor
fusion solution
• Sensor power management
• Sensors Supported
- Bosch BMC150 Geomagnetic Sensor/Accel-
erometer
- Bosch BMG160 Gyroscope
Hardware Features
The hardware features in the MM7150 module include
the following:
•I2C Controller
- Supports I2C bus speeds to 400kHz
- Host Interface Supports Slave Operation
• Low Power Modes
Target Markets
• Internet of Things Applications
• Remote Controls, Gaming
• Fitness Monitoring
• Applications requiring data from an accelerome-
ter, magnetometer and gyroscope
Temperature Ranges Available
• Industrial (-40°C to +85°C)
• Commercial (0°C to +70°C)
Description
The MM7150 Motion Module is a simple, cost-effective
solution for integrating motion and positioning data into
a wide range of applications. The module contains the
SSC7150 motion coprocessor with integrated 9-axis
sensor fusion as well as high performance MEMS tech-
nology including a 3-axis accelerometer, gyroscope
and magnetometer. All components are integrated, cal-
ibrated and available on the module for PCB mounting.
MM7150
Motion Module


Similar Part No. - MD200C08D2

ManufacturerPart #DatasheetDescription
logo
Jiangsu APT Semiconduct...
MD200C08D2 APTSEMI-MD200C08D2 Datasheet
135Kb / 3P
Glass Passivated Rectifier Diode Modules
logo
Diotech Company.
MD200C08D2 DIOTECH-MD200C08D2 Datasheet
940Kb / 4P
THYRISTOR DIODE MODULE
logo
Yangzhou yangjie electr...
MD200C08D2 YANGJIE-MD200C08D2 Datasheet
137Kb / 3P
Glass Passivated Recitifier Diode Modules
logo
Shanghai Leiditech Elec...
MD200C08D2 LEIDITECH-MD200C08D2 Datasheet
305Kb / 3P
Glass Passivated Rectifier Diode Modules
More results

Similar Description - MD200C08D2

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-310 TRINAMIC-TMCM-310_07 Datasheet
222Kb / 2P
3-Axis Stepper Motor Motion Control Module
logo
Fairchild Semiconductor
AN-9072 FAIRCHILD-AN-9072 Datasheet
263Kb / 3P
Smart Power Module Motion-SPM?
logo
Telecommunication Elec...
TMSM100-1500 TELTRON-TMSM100-1500 Datasheet
750Kb / 2P
microwave motion sensor module
TMSM200-100 TELTRON-TMSM200-100 Datasheet
700Kb / 2P
microwave motion sensor module
logo
National Instruments Co...
NI9505 NI-NI9505 Datasheet
161Kb / 3P
NI C Series Motion Module for CompactRIO
logo
Fairchild Semiconductor
FMT1000 FAIRCHILD-FMT1000 Datasheet
1Mb / 29P
Motion Tracking Module with Output of Orientation, Inertial Motion Data and Magnetic Field
logo
Microchip Technology
MCP7150 MICROCHIP-MCP7150_16 Datasheet
329Kb / 28P
Motion Module
07/14/15
logo
Infineon Technologies A...
IRDM983 INFINEON-IRDM983 Datasheet
2Mb / 29P
iMOTION??Motion Controller Module for PM AC Fan
Revision 1.2 2016-08-19
logo
New Scale Technologies,...
M3-LS-U2-8 NEWSCALE-M3-LS-U2-8 Datasheet
1,009Kb / 4P
All-In-One Motion Module
M3-L NEWSCALE-M3-L Datasheet
273Kb / 2P
Smart Module for Precision Motion
01-13-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com