Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD200C08D2 Datasheet(PDF) 17 Page - Microchip Technology

Part # MD200C08D2
Description  Motion Module
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MD200C08D2 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MD200C08D2 Datasheet HTML 13Page - Microchip Technology MD200C08D2 Datasheet HTML 14Page - Microchip Technology MD200C08D2 Datasheet HTML 15Page - Microchip Technology MD200C08D2 Datasheet HTML 16Page - Microchip Technology MD200C08D2 Datasheet HTML 17Page - Microchip Technology MD200C08D2 Datasheet HTML 18Page - Microchip Technology MD200C08D2 Datasheet HTML 19Page - Microchip Technology MD200C08D2 Datasheet HTML 20Page - Microchip Technology MD200C08D2 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
 2015 - 2016 Microchip Technology Inc.
DS00001888B-page 17
MM7150
8.1
DC Characteristics
TABLE 8-2:
DC CHARACTERISTICS: OPERATING/POWER-DOWN CURRENT
TABLE 8-1:
DC TEMPERATURE AND VOLTAGE SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions: 2.3V to 3.6V
(unless otherwise stated)
Commercial Operating temperature 0°C
 TA  +70°C
Industrial Operating temperature -40°C
 TA  +85°C
Param.
No.
Symbol
Characteristics
Min.
Typ.
Max.
Units
Conditions
Operating Voltage
DC10
VDD
Supply Voltage (Note 2)
2.3
—
3.6
V
—
DC12
VDR
RAM Data Retention Voltage
(Note 1)
1.75
—
—
V
—
DC16
VPOR
VDD Start Voltage
to Ensure Internal Power-on Reset
Signal
1.75
—
2.1
V
—
DC17
SVDD
VDD Rise Rate
to Ensure Internal Power-on Reset
Signal
0.00005
—
0.115
V/
s—
Note 1:
This is the limit to which VDD can be lowered without losing RAM data.
2:
Overall functional device operation at VBORMIN < VDD < VDDMIN is tested, but not characterized. Refer to
parameter BO10 in Table 8-5 for BOR values.
DC CHARACTERISTICS
Standard Operating Conditions: 2.3V to 3.6V
(unless otherwise stated)
Commercial Operating temperature 0°C
 TA  +70°C
Industrial Operating temperature -40°C
 TA  +85°C
Parameter
No.
Symbol
Typical
Max.
Units
Conditions
Operating/Power-Down Current (Note 1, 2)
DC20
IDD
26.5
mA
—
DC30
IAVG
13.65
mA
—
DC40
IIDLE
2.5
mA
—
DC50
IPD
70
150
μA
0°C
 TA  +70°C
DC50
IPD
120
180
μA
-40°C
 TA  +85°C
Note 1:
A device’s supply current is mainly a function of the operating voltage and frequency, as well as tempera-
ture.
2:
The current measurements are as follows:
• Operating current (IDD):
This is the peak active current value.
• Average current (IAVG):
This value represents an average current measurement of active and low power mode time intervals during operation
measured over 1 second period.
• Idle current (IIDLE)
This is the average idle current value when no sensor is actively providing environmental changes (and the device is
not in power-down mode).
• Power-Down current (IPD):
This value is the current measured in power-down mode. This is the sleep state entered when the Host issues the
SET_POWER (Sleep) Command if the
I2C host interface is used.
Wakeup from power-down mode requires the HOST_TO_SH_WAKE pin if the
I2C host interface is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com