Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-L Datasheet(PDF) 3 Page - Cree, Inc

Part # XP-L
Description  Cree XLamp XP-L LEDs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-L Datasheet(HTML) 3 Page - Cree, Inc

  XP-L Datasheet HTML 1Page - Cree, Inc XP-L Datasheet HTML 2Page - Cree, Inc XP-L Datasheet HTML 3Page - Cree, Inc XP-L Datasheet HTML 4Page - Cree, Inc XP-L Datasheet HTML 5Page - Cree, Inc XP-L Datasheet HTML 6Page - Cree, Inc XP-L Datasheet HTML 7Page - Cree, Inc XP-L Datasheet HTML 8Page - Cree, Inc XP-L Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements. See the Measurements section (page 29).
Cree XLamp XP-L LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than
the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions
specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
Copyright © 2014-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo and SC5
Technology™ are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
3
XLamp® Xp-L LED
FLuX CHArACtErIstICs - XP-L HIgH DEnsIty (t
J = 85 °C)
The following table provides order codes for XLamp XP-L High Density LeDs. For a complete description of the order code nomenclature,
please see the Bin and Order Code Formats section (page 27). For definitions of the chromaticity kits, please see the Cree’s Standard
Chromaticity Kits section (page 26).
Chromaticity
Minimum Luminous Flux (lm)
@ 1050 mA
order Codes
Kit
CCt
Code
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C*
65 CrI typical
70 CrI Minimum
51
6200 K
v6
480
535
XPLAWT-00-0000-0000V6051
XPLAWT-00-0000-000BV6051
v5
460
513
XPLAWT-00-0000-0000V5051
XPLAWT-00-0000-000BV5051
v4
440
491
XPLAWT-00-0000-0000V4051
XPLAWT-00-0000-000BV4051
v3
420
468
XPLAWT-00-0000-0000V3051
XPLAWT-00-0000-000BV3051
v2
400
446
XPLAWT-00-0000-000BV2051
53
6000 K
v6
480
535
XPLAWT-00-0000-0000V6053
XPLAWT-00-0000-000BV6053
v5
460
513
XPLAWT-00-0000-0000V5053
XPLAWT-00-0000-000BV5053
v4
440
491
XPLAWT-00-0000-0000V4053
XPLAWT-00-0000-000BV4053
v3
420
468
XPLAWT-00-0000-0000V3053
XPLAWT-00-0000-000BV3053
v2
400
446
XPLAWT-00-0000-000BV2053
50
6200 K
v6
480
535
XPLAWT-00-0000-0000V6050
XPLAWT-00-0000-000BV6050
v5
460
513
XPLAWT-00-0000-0000V5050
XPLAWT-00-0000-000BV5050
v4
440
491
XPLAWT-00-0000-0000V4050
XPLAWT-00-0000-000BV4050
v3
420
468
XPLAWT-00-0000-0000V3050
XPLAWT-00-0000-000BV3050
v2
400
446
XPLAWT-00-0000-000BV2050
e1
6500 K
v6
480
535
XPLAWT-00-0000-0000V60E1
XPLAWT-00-0000-000BV60E1
v5
460
513
XPLAWT-00-0000-0000V50E1
XPLAWT-00-0000-000BV50E1
v4
440
491
XPLAWT-00-0000-0000V40E1
XPLAWT-00-0000-000BV40E1
v3
420
468
XPLAWT-00-0000-0000V30E1
XPLAWT-00-0000-000BV30E1
v2
400
446
XPLAWT-00-0000-000BV20E1
e2
5700 K
v6
480
535
XPLAWT-00-0000-0000V60E2
XPLAWT-00-0000-000BV60E2
v5
460
513
XPLAWT-00-0000-0000V50E2
XPLAWT-00-0000-000BV50E2
v4
440
491
XPLAWT-00-0000-0000V40E2
XPLAWT-00-0000-000BV40E2
v3
420
468
XPLAWT-00-0000-000BV30E2
v2
400
446
XPLAWT-00-0000-000BV20E2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com