Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-L Datasheet(PDF) 6 Page - Cree, Inc

Part # XP-L
Description  Cree XLamp XP-L LEDs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-L Datasheet(HTML) 6 Page - Cree, Inc

Back Button XP-L Datasheet HTML 2Page - Cree, Inc XP-L Datasheet HTML 3Page - Cree, Inc XP-L Datasheet HTML 4Page - Cree, Inc XP-L Datasheet HTML 5Page - Cree, Inc XP-L Datasheet HTML 6Page - Cree, Inc XP-L Datasheet HTML 7Page - Cree, Inc XP-L Datasheet HTML 8Page - Cree, Inc XP-L Datasheet HTML 9Page - Cree, Inc XP-L Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements. See the Measurements section (page 29).
Cree XLamp XP-L LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than
the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions
specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
Copyright © 2014-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo and SC5
Technology™ are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
6
XLamp® Xp-L LED
Chromaticity
Minimum Luminous
Flux (lm) @ 1050 mA
order Codes
Kit
CCt
Code
Flux
(lm) @
85 °C
Flux
(lm) @
25 °C*
80 CrI typical
80 CrI Minimum
85 CrI Minimum
90 CrI Minimum
e7
3000 K
v2
400
446
XPLAWT-00-0000-
000Lv20e7
XPLAWT-00-0000-
000Hv20e7
U6
380
424
XPLAWT-00-0000-
000LU60e7
XPLAWT-00-0000-
000HU60e7
U5
360
401
XPLAWT-00-0000-
000LU50e7
XPLAWT-00-0000-
000HU50e7
U4
340
379
XPLAWT-00-0000-
000LU40e7
XPLAWT-00-0000-
000HU40e7
U3
320
357
XPLAWT-00-0000-
000PU30e7
XPLAWT-00-0000-
000UU30e7
U2
300
334
XPLAWT-00-0000-
000PU20e7
XPLAWT-00-0000-
000UU20e7
T6
280
312
XPLAWT-00-0000-
000PT60e7
XPLAWT-00-0000-
000UT60e7
Z7
3000 K
U6
380
424
XPLAWT-00-0000-
000LU60Z7
XPLAWT-00-0000-
000HU60Z7
U5
360
401
XPLAWT-00-0000-
000LU50Z7
XPLAWT-00-0000-
000HU50Z7
U4
340
379
XPLAWT-00-0000-
000LU40Z7
XPLAWT-00-0000-
000HU40Z7
U3
320
357
XPLAWT-00-0000-
000PU30Z7
XPLAWT-00-0000-
000UU30Z7
U2
300
334
XPLAWT-00-0000-
000PU20Z7
XPLAWT-00-0000-
000UU20Z7
T6
280
312
XPLAWT-00-0000-
000PT60Z7
XPLAWT-00-0000-
000UT60Z7
F8
2850 K
v2
400
446
XPLAWT-00-0000-
000Lv20F8
U6
380
424
XPLAWT-00-0000-
000LU60F8
XPLAWT-00-0000-
000HU60F8
U5
360
401
XPLAWT-00-0000-
000LU50F8
XPLAWT-00-0000-
000HU50F8
U4
340
379
XPLAWT-00-0000-
000LU40F8
XPLAWT-00-0000-
000HU40F8
U3
320
357
XPLAWT-00-0000-
000PU30F8
XPLAWT-00-0000-
000UU30F8
U2
300
334
XPLAWT-00-0000-
000PU20F8
XPLAWT-00-0000-
000UU20F8
T6
280
312
XPLAWT-00-0000-
000PT60F8
XPLAWT-00-0000-
000UT60F8
T5
260
290
XPLAWT-00-0000-
000PT50F8
XPLAWT-00-0000-
000UT50F8
FLuX CHArACtErIstICs - XP-L HIgH DEnsIty (t
J = 85 °C) - Continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com