Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-L Datasheet(PDF) 34 Page - Cree, Inc

Part # XP-L
Description  Cree XLamp XP-L LEDs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-L Datasheet(HTML) 34 Page - Cree, Inc

Back Button XP-L Datasheet HTML 27Page - Cree, Inc XP-L Datasheet HTML 28Page - Cree, Inc XP-L Datasheet HTML 29Page - Cree, Inc XP-L Datasheet HTML 30Page - Cree, Inc XP-L Datasheet HTML 31Page - Cree, Inc XP-L Datasheet HTML 32Page - Cree, Inc XP-L Datasheet HTML 33Page - Cree, Inc XP-L Datasheet HTML 34Page - Cree, Inc XP-L Datasheet HTML 35Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
Copyright © 2014-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo and SC5
Technology™ are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
34
XLamp® Xp-L LED
tAPE AnD rEEL - ContInuED
XP-L High Intensity
XPLAWT-H0-xxxx-xxxxxxxxx
High Intensity
.30 [.012]
T
Ao
3.70 [.146]
1.20 [.047]
Ko
3.0°
3.0°
3.70 [.146]
Bo
10.25
[.404]
E2
P2
2.00 [.079]
Po
4.00 [.157]
Ø 1.50 +.10 +.0039 -.00[.0591-.0000]Do
Ø 1.50
[.059]
D1
MIN
12.00 [.472]
NOMINAL
12.30 [.484]
MAX
W
1.75 [.069]
E1
5.50 [.217]F
8.00 [.315]
P
POCKET SIZE
Ao -
3.70 mm [.146"]
Bo -
3.70 mm [.146"]
Ko -
1.20 mm [.047"]
ANODE SIDE
CATHODE SIDE
.30 [.012]
T
Ao
3.70 [.146]
1.20 [.047]
Ko
3.0°
3.0°
3.70 [.146]
Bo
10.25
[.404]
E2
P2
2.00 [.079]
Po
4.00 [.157]
Ø 1.50 +.10 +.0039 -.00[.0591-.0000]Do
Ø 1.50
[.059]
D1
MIN
12.00 [.472]
NOMINAL
12.30 [.484]
MAX
W
1.75 [.069]
E1
5.50 [.217]F
8.00 [.315]
P
POCKET SIZE
Ao -
3.70 mm [.146"]
Bo -
3.70 mm [.146"]
Ko -
1.20 mm [.047"]
ANODE SIDE
CATHODE SIDE
.30 [.012]
T
Ao
3.70 [.146]
1.20 [.047]
Ko
3.0°
3.0°
3.70 [.146]
Bo
10.25
[.404]
E2
P2
2.00 [.079]
Po
4.00 [.157]
Ø 1.50 +.10 +.0039 -.00[.0591-.0000]Do
Ø 1.50
[.059]
D1
MIN
12.00 [.472]
NOMINAL
12.30 [.484]
MAX
W
1.75 [.069]
E1
5.50 [.217]F
8.00 [.315]
P
POCKET SIZE
Ao -
3.70 mm [.146"]
Bo -
3.70 mm [.146"]
Ko -
1.20 mm [.047"]
ANODE SIDE
CATHODE SIDE
.30 [.012]
T
Ao
3.70 [.146]
1.20 [.047]
Ko
3.0°
3.0°
3.70 [.146]
Bo
10.25
[.404]
E2
P2
2.00 [.079]
Po
4.00 [.157]
Ø 1.50 +.10 +.0039 -.00[.0591-.0000]Do
Ø 1.50
[.059]
D1
MIN
12.00 [.472]
NOMINAL
12.30 [.484]
MAX
W
1.75 [.069]
E1
5.50 [.217]F
8.00 [.315]
P
POCKET SIZE
Ao -
3.70 mm [.146"]
Bo -
3.70 mm [.146"]
Ko -
1.20 mm [.047"]
ANODE SIDE
CATHODE SIDE
Anode Side
Loaded Pockets
(1,000 Lamps)
Leader
400mm (min) of
empty pockets with
at least 100mm
sealed by tape
(50 empty pockets min.)
Trailer
160mm (min) of
empty pockets
sealed with tape
(20 pockets min.)
START
END
Cathode Side
Anode Side
(denoted by + and circle)
160.0
A
A
B
2.5±.1
SECTION A-A
SCALE 2 : 1
1.5±.1
8.0±.1
4.0±.1
1.75±.10
12.0 .0
+.3
DETAIL B
SCALE 2 : 1
13mm
7"
Cover Tape
Pocket Tape
User Feed Direction
User Feed Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com