Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-L Datasheet(PDF) 1 Page - Cree, Inc

Part # XP-L
Description  Cree XLamp XP-L LEDs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-L Datasheet(HTML) 1 Page - Cree, Inc

  XP-L Datasheet HTML 1Page - Cree, Inc XP-L Datasheet HTML 2Page - Cree, Inc XP-L Datasheet HTML 3Page - Cree, Inc XP-L Datasheet HTML 4Page - Cree, Inc XP-L Datasheet HTML 5Page - Cree, Inc XP-L Datasheet HTML 6Page - Cree, Inc XP-L Datasheet HTML 7Page - Cree, Inc XP-L Datasheet HTML 8Page - Cree, Inc XP-L Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Product family data sheet
Copyright © 2014-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are
registered trademarks and the Cree logo and SC5 Technology™ are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Cree® XLamp® XP-L LEDs
XP-L High Density LED
XP-L High Intensity LED
ProDuCt DEsCrIPtIon
XLamp® XP-L LeDs are available in two
versions: High Density and High Intensity.
The XLamp® XP-L High Density (HD)
LeD is the highest performing discrete in
Cree’s High Density (HD) class of LeDs,
delivering the next generation of lumen
output and efficacy in the compact
3.45  mm  x  3.45  mm XP footprint.
Cree’s HD LeDs, optimized to deliver
maximum lumen output in a small form
factor, enable lighting manufacturers
to improve the performance of any
lighting design, create smaller and less
expensive systems, and develop new
lighting solutions that were previously
not possible.
The XLamp XP-L High Intensity (HI) LeD
is the first of Cree’s new class of High
Intensity (HI) LeDs optimized to deliver
maximum candela through secondary
optics. Built on Cree’s breakthrough SC5
Technology™ Platform, the XP-L HI LeD
delivers 120 percent more candela than
the XP-L HD LeD through the same optic.
The XP-L HI LeD leverages the industry’s
highest single-die performance and a
new innovative primary optic design that
radically reduces the optical source size
to deliver both lumens and intensity.
FEAturEs
• Available in white, 70-CRI white, 80-CRI
white, 85 CRI white and 90-CRI white
• ANSI-compatible chromaticity bins
• Binned at 85 °C
• Maximum drive current: 3000 mA
• Low thermal resistance: 2.2 °C/W
• Wide viewing angle: 125° (XP-L High
Density), 115° (XP-L High Intensity)
• Unlimited floor life at
≤ 30 ºC/85% RH
• Reflow solderable - JEDEC J-STD-020C
• electrically neutral thermal path
• RoHS and ReACh compliant
• UL® recognized component (e349212)
tAbLE oF ContEnts
Characteristics ............................................2
Flux Characteristics - XP-L High Density ...3
Flux Characteristics - XP-L High Intensity .8
Relative Spectral Power Distribution ...... 12
Relative Flux vs. Junction Temperature.. 12
electrical Characteristics......................... 13
Relative Flux vs. Current .......................... 13
Relative Chromaticity vs. Current............ 14
Relative Chromaticity vs. Temperature... 15
Typical Spatial Distribution...................... 16
Thermal Design........................................ 16
Performance Groups – Luminous Flux... 17
Performance Groups – Chromaticity...... 18
Cree’s Standard Chromaticity Regions
Plotted on the 1931 CIe Curve ................ 21
Cree’s Standard Cool White Kits Plotted
on ANSI Standard Chromaticity
Regions..................................................... 23
Cree’s Standard Warm and Neutral
White Kits Plotted on ANSI Standard
Chromaticity Regions .............................. 24
Cree’s Standard Chromaticity Kits .......... 26
Bin and Order Code Formats................... 27
Reflow Soldering Characteristics............ 28
Notes ........................................................ 29
Mechanical Dimensions .......................... 31
Tape and Reel........................................... 33
Packaging................................................. 35


Similar Part No. - XP-L

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XP-L2 CREE-XP-L2 Datasheet
1Mb / 24P
Cree XLamp XP-L2 LEDs
Rev 0A
More results

Similar Description - XP-L

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XMLAWT-00-0000-0000T5051 CREE-XMLAWT-00-0000-0000T5051 Datasheet
727Kb / 12P
Cree XLamp XM-L LEDs
Rev 0
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
XLamp XP-C LEDs
Rev 9A
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
XLamp XP-E2 LEDs
Rev 5
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
XLamp XP-E LEDs
Rev 18A
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
Cree XLamp XHP35 LEDs
Rev 1A
XP-E2 CREE-XP-E2 Datasheet
2Mb / 39P
Cree XLamp XP-E2 LEDs
Rev 9A
XP-G2 CREE-XP-G2 Datasheet
2Mb / 30P
Cree XLamp XP-G2 LEDs
Rev 12E
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
Cree XLamp XP-G3 LEDs
Rev 0E
XP-L2 CREE-XP-L2 Datasheet
1Mb / 24P
Cree XLamp XP-L2 LEDs
Rev 0A
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
Cree® XLamp® XP-E LEDs
2008-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com