Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-L Datasheet(PDF) 33 Page - Cree, Inc

Part # XP-L
Description  Cree XLamp XP-L LEDs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-L Datasheet(HTML) 33 Page - Cree, Inc

Back Button XP-L Datasheet HTML 27Page - Cree, Inc XP-L Datasheet HTML 28Page - Cree, Inc XP-L Datasheet HTML 29Page - Cree, Inc XP-L Datasheet HTML 30Page - Cree, Inc XP-L Datasheet HTML 31Page - Cree, Inc XP-L Datasheet HTML 32Page - Cree, Inc XP-L Datasheet HTML 33Page - Cree, Inc XP-L Datasheet HTML 34Page - Cree, Inc XP-L Datasheet HTML 35Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
Copyright © 2014-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo and SC5
Technology™ are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
33
XLamp® Xp-L LED
tAPE AnD rEEL
All Cree carrier tapes conform to eIA-481D, Automated Component Handling Systems Standard.
except as noted, all dimensions in mm [inches]
XP-L High Density
XPLAWT-00-xxxx-xxxxxxxxx
High Density
Anode Side
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
SCALE
A
B
C
D
3
4
5
6
6
5
4
3
2
1
A
B
C
Phone (919) 313-5300
Fax (919) 313-5558
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUT
THE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
±
.5 °
.XXX ±
.25
.XX
±
.75
.X
±
1.5
FOR SHEET METAL PARTS ONLY
.XX
±
.25
.XXX ±
.125
±
.5 °
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SURFACE FINISH:
1.6
1
/
1
1.000
A
2402-00040
Carrier Tape, XPL
5/16/14
D. CRONIN
.30 [.012]
T
Ao
3.60 [.142]
3.00 [.118]
Ko
3.0 °
3.0 °
3.60 [.142]
Bo
10.25
[.404]
E2
P2
2.00 [.079]
Po
4.00 [.157]
Ø1.50
+.10
-.00
Ø1.50
[.059]
D1
MIN
12.00 [.472]
NOMINAL
12.30 [.484]
MAX
W
1.75 [.069]
E1
5.50 [.217]F
8.00 [.315]
P
POCKET SIZE
Ao -
3.60 mm [.142"]
Bo -
3.60 mm [.142"]
Ko -
3.00 mm [.118"]
CATHODE SIDE
ANODE SIDE
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
SCALE
A
B
C
D
3
4
5
6
6
5
4
3
2
1
A
B
C
Phone (919) 313-5300
Fax (919) 313-5558
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUT
THE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
±
.5 °
.XXX ±
.25
.XX
±
.75
.X
±
1.5
FOR SHEET METAL PARTS ONLY
.XX
±
.25
.XXX ±
.125
±
.5 °
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SURFACE FINISH:
1.6
1
/
1
1.000
A
2402-00040
Carrier Tape, XPL
5/16/14
D. CRONIN
.30 [.012]
T
Ao
3.60 [.142]
3.00 [.118]
Ko
3.0 °
3.0 °
3.60 [.142]
Bo
10.25
[.404]
E2
P2
2.00 [.079]
Po
4.00 [.157]
Ø1.50
+.10
-.00
Ø1.50
[.059]
D1
MIN
12.00 [.472]
NOMINAL
12.30 [.484]
MAX
W
1.75 [.069]
E1
5.50 [.217]F
8.00 [.315]
P
POCKET SIZE
Ao -
3.60 mm [.142"]
Bo -
3.60 mm [.142"]
Ko -
3.00 mm [.118"]
CATHODE SIDE
ANODE SIDE
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
SCALE
A
B
C
D
3
4
5
6
6
5
4
3
2
1
A
B
C
Phone (919) 313-5300
Fax (919) 313-5558
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUT
THE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
±
.5 °
.XXX ±
.25
.XX
±
.75
.X
±
1.5
FOR SHEET METAL PARTS ONLY
.XX
±
.25
.XXX ±
.125
±
.5 °
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SURFACE FINISH:
1.6
1
/
1
1.000
A
2402-00040
Carrier Tape, XPL
5/16/14
D. CRONIN
.30 [.012]
T
Ao
3.60 [.142]
3.00 [.118]
Ko
3.0 °
3.0 °
3.60 [.142]
Bo
10.25
[.404]
E2
P2
2.00 [.079]
Po
4.00 [.157]
Ø1.50
+.10
-.00
Ø1.50
[.059]
D1
MIN
12.00 [.472]
NOMINAL
12.30 [.484]
MAX
W
1.75 [.069]
E1
5.50 [.217]F
8.00 [.315]
P
POCKET SIZE
Ao -
3.60 mm [.142"]
Bo -
3.60 mm [.142"]
Ko -
3.00 mm [.118"]
CATHODE SIDE
ANODE SIDE
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
SCALE
A
B
C
D
3
4
5
6
6
5
4
3
2
1
A
B
C
Phone (919) 313-5300
Fax (919) 313-5558
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUT
THE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
±
.5 °
.XXX ±
.25
.XX
±
.75
.X
±
1.5
FOR SHEET METAL PARTS ONLY
.XX
±
.25
.XXX ±
.125
±
.5 °
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SURFACE FINISH:
1.6
1
/
1
1.000
A
2402-00040
Carrier Tape, XPL
5/16/14
D. CRONIN
.30 [.012]
T
Ao
3.60 [.142]
3.00 [.118]
Ko
3.0 °
3.0 °
3.60 [.142]
Bo
10.25
[.404]
E2
P2
2.00 [.079]
Po
4.00 [.157]
Ø1.50
+.10
-.00
Ø1.50
[.059]
D1
MIN
12.00 [.472]
NOMINAL
12.30 [.484]
MAX
W
1.75 [.069]
E1
5.50 [.217]F
8.00 [.315]
P
POCKET SIZE
Ao -
3.60 mm [.142"]
Bo -
3.60 mm [.142"]
Ko -
3.00 mm [.118"]
CATHODE SIDE
ANODE SIDE
Loaded Pockets
(500 Lamps)
Leader
400 mm (min.) of
empty pockets with
at least 100 mm
sealed by tape
(50 empty pockets min.)
Trailer
160 mm (min.) of
empty pockets
sealed with tape
(20 pockets min.)
START
END
User Feed Direction
Loaded Pockets
(1,000 Lamps)
Leader
400mm (min) of
empty pockets with
at least 100mm
sealed by tape
(50 empty pockets min.)
Trailer
160mm (min) of
empty pockets
sealed with tape
(20 pockets min.)
START
END
Cathode Side
Anode Side
(denoted by + and circle)
160.0
A
A
B
2.5±.1
SECTION A-A
SCALE 2 : 1
1.5±.1
8.0±.1
4.0±.1
1.75±.10
12.0 .0
+.3
DETAIL B
SCALE 2 : 1
13mm
7"
Cover Tape
Pocket Tape
User Feed Direction
User Feed Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com