Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-L Datasheet(PDF) 8 Page - Cree, Inc

Part # XP-L
Description  Cree XLamp XP-L LEDs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-L Datasheet(HTML) 8 Page - Cree, Inc

Back Button XP-L Datasheet HTML 4Page - Cree, Inc XP-L Datasheet HTML 5Page - Cree, Inc XP-L Datasheet HTML 6Page - Cree, Inc XP-L Datasheet HTML 7Page - Cree, Inc XP-L Datasheet HTML 8Page - Cree, Inc XP-L Datasheet HTML 9Page - Cree, Inc XP-L Datasheet HTML 10Page - Cree, Inc XP-L Datasheet HTML 11Page - Cree, Inc XP-L Datasheet HTML 12Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Notes
•
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements. See the Measurements section (page 29).
•
Cree XLamp XP-L LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than
the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions
specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
Copyright © 2014-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo and SC5
Technology™ are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
8
XLamp® Xp-L LED
FLuX CHArACtErIstICs - XP-L HIgH IntEnsIty (t
J = 85 °C)
The following table provides order codes for XLamp XP-L High Intensity LeDs. For a complete description of the order code nomenclature,
please see the Bin and Order Code Formats section (page 27). For definitions of the chromaticity kits, please see the Cree’s Standard
Chromaticity Kits section (page 26).
Chromaticity
Minimum Luminous Flux (lm)
@ 1050 mA
order Codes
Kit
CCt
Code
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C*
65 CrI typical
70 CrI Minimum
51
6200 K
v2
400
446
XPLAWT-H0-0000-0000V2051
XPLAWT-H0-0000-000BV2051
U6
380
424
XPLAWT-H0-0000-0000U6051
XPLAWT-H0-0000-000BU6051
U5
360
401
XPLAWT-H0-0000-0000U5051
XPLAWT-H0-0000-000BU5051
53
6000 K
v2
400
446
XPLAWT-H0-0000-0000V2053
XPLAWT-H0-0000-000BV2053
U6
380
424
XPLAWT-H0-0000-0000U6053
XPLAWT-H0-0000-000BU6053
U5
360
401
XPLAWT-H0-0000-0000U5053
XPLAWT-H0-0000-000BU5053
50
6200 K
v2
400
446
XPLAWT-H0-0000-0000V2050
XPLAWT-H0-0000-000BV2050
U6
380
424
XPLAWT-H0-0000-0000U6050
XPLAWT-H0-0000-000BU6050
U5
360
401
XPLAWT-H0-0000-0000U5050
XPLAWT-H0-0000-000BU5050
e1
6500 K
v2
400
446
XPLAWT-H0-0000-0000V20E1
XPLAWT-H0-0000-000BV20E1
U6
380
424
XPLAWT-H0-0000-0000U60E1
XPLAWT-H0-0000-000BU60E1
U5
360
401
XPLAWT-H0-0000-0000U50E1
XPLAWT-H0-0000-000BU50E1
e2
5700 K
v2
400
446
XPLAWT-H0-0000-0000V20E2
XPLAWT-H0-0000-000BV20E2
U6
380
424
XPLAWT-H0-0000-0000U60E2
XPLAWT-H0-0000-000BU60E2
U5
360
401
XPLAWT-H0-0000-0000U50E2
XPLAWT-H0-0000-000BU50E2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com